Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE7901IALK Datasheet(PDF) 21 Page - Texas Instruments

Part # AFE7901IALK
Description  AFE7901 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE7901IALK Datasheet(HTML) 21 Page - Texas Instruments

Back Button AFE7901IALK Datasheet HTML 17Page - Texas Instruments AFE7901IALK Datasheet HTML 18Page - Texas Instruments AFE7901IALK Datasheet HTML 19Page - Texas Instruments AFE7901IALK Datasheet HTML 20Page - Texas Instruments AFE7901IALK Datasheet HTML 21Page - Texas Instruments AFE7901IALK Datasheet HTML 22Page - Texas Instruments AFE7901IALK Datasheet HTML 23Page - Texas Instruments AFE7901IALK Datasheet HTML 24Page - Texas Instruments AFE7901IALK Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 160 page
background image
7.5 Transmitter Electrical Characteristics (continued)
Typical values at TA = +25°C, full temperature range is TA,MIN = -40°C to TJ,MAX = +110°C; TX Input Rate = 491.52MSPS,
fDAC = 11796.48MSPS below 6GHz and fDAC = 9000MSPS above 6GHz; PLL clock mode below 6GHz output frequency
and External clock mode above 6GHz output frequency; interleave mode for 1st Nyquist, non-interleave mix mode for 2nd
Nyquist, nominal power supplies; 1 tone at -1 dBFS; DSA Attenuation =0dB; TX clock dither enabled, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PNTXADD
Additive Phase Noise External Clock
Mode (5)
fout = 3.7GHz, fOFFSET = 100Hz
-97
dBc/Hz
fout = 3.7GHz, fOFFSET = 1kHz
-106
dBc/Hz
fout = 3.7GHz, fOFFSET = 10kHz
-117
dBc/Hz
fout = 3.7GHz, fOFFSET = 100kHz
-128
dBc/Hz
fout = 3.7GHz, fOFFSET = 1MHz
-138
dBc/Hz
fout = 3.7GHz, fOFFSET = 10MHz
-144
dBc/Hz
(1)
Measured with differential 100 ohm across TxP/M. The DC bias to 1.8V to each TxP/M at each pin remains and is not removed. Other
external components on the TX paths are disconnected.
(2)
After DSA calibration procedure
(3)
measured with 1µH DC feed inductor
(4)
measured with 0.39µH DC feed inductor
(5)
Input clock phase noise subtracted.
www.ti.com
AFE7901
SBASAO5 – APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: AFE7901



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com