Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD441DPLR Datasheet(PDF) 1 Page - Texas Instruments

Part # PESD441DPLR
Description  ESD441 1-Channel ±30 kV Unidirectional ESD Diode in an 0201 Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PESD441DPLR Datasheet(HTML) 1 Page - Texas Instruments

  PESD441DPLR Datasheet HTML 1Page - Texas Instruments PESD441DPLR Datasheet HTML 2Page - Texas Instruments PESD441DPLR Datasheet HTML 3Page - Texas Instruments PESD441DPLR Datasheet HTML 4Page - Texas Instruments PESD441DPLR Datasheet HTML 5Page - Texas Instruments PESD441DPLR Datasheet HTML 6Page - Texas Instruments PESD441DPLR Datasheet HTML 7Page - Texas Instruments PESD441DPLR Datasheet HTML 8Page - Texas Instruments PESD441DPLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
ESD441 1-Channel ±30 kV Unidirectional ESD Diode in an 0201 Package
1 Features
• IEC 61000-4-2 level 4 ESD protection
– ±30 kV contact discharge
– ±30 kV air gap discharge
• IEC 61000-4-5 surge protection
– 4.4 A (8/20 µs)
• IO capacitance:
– 1 pF (typical)
• DC breakdown voltage: 7 V (typical)
• Ultra low leakage current: 50 nA (maximum)
• Extremely low ESD clamping voltage
– 7.6 V at 16 A TLP
– RDYN: 0.1 Ω (I/O to GND)
• Industrial temperature range: –40°C to +125°C
• Space-saving industry standard 0201 footprint
(0.6 mm × 0.3 mm × 0.3 mm)
2 Applications
• End equipment:
– Vacuum robots
– Wearables
– Smart speakers
– Portable electronics
– Small appliances
– Retail automation and payment
– Laptops and desktops
– TV and monitors
– Docking stations
• Interfaces:
– USB 2.0
– HDMI™ 1.4 and 2.0
– DisplayPort™
– SIM card
– GPIO
3 Description
The ESD441 is a unidirectional ESD protection diode
for protecting data lines and other I/O ports. The
ESD441 is rated to dissipate ESD strikes up to ±30 kV
per the IEC 61000-4-2 international standard (greater
than Level 4).
This
device
features
a
1
pF
(typical)
IO
capacitance enabling high-speed interfaces protection
for protocols such as USB 2.0. The extremely low
dynamic resistance (0.1 Ω) and clamping voltage (7.6
V at 16 TLP) is specified for system level protection
against transient events.
The 30 kV ESD rating and 4.4 A surge provides
robust transient protection in a tiny package for
protecting 5.5 V power rails in portable electronics
and other space constrained applications such as
wearables.
The ESD441 is offered in the industry standard 0201
(DPL) package.
Package Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
ESD441
DPL (X2SON, 2)
0.60 mm × 0.30 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
Functional Block Diagram
ESD441
SLVSH26 – APRIL 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for preproduction products; subject to change
without notice.


Similar Part No. - PESD441DPLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PESD441DPLR TI-PESD441DPLR Datasheet
792Kb / 14P
ESD441 1-Channel ±30 kV Unidirectional ESD Diode in an 0201 Package
REVISED JUNE 2023
More results

Similar Description - PESD441DPLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD1E6B06 TI-TPD1E6B06 Datasheet
324Kb / 10P
Single Channel ESD Protection Device in 0201 Package
TPD1E6B06 TI1-TPD1E6B06_15 Datasheet
290Kb / 16P
Single-Channel ESD Protection Diode in 0201 Package
logo
ON Semiconductor
CM1242-07CP ONSEMI-CM1242-07CP_12 Datasheet
152Kb / 5P
1-Channel Ultra Small 0201 Package ESD Protection
July, 2012 ??Rev. 5
logo
Texas Instruments
ESD321 TI1-ESD321 Datasheet
331Kb / 16P
1-Channel 30 kV ESD Protection Diode with Low Capacitance (< 1pF) in 0402 Package
ESD351 TI1-ESD351 Datasheet
855Kb / 18P
1-Channel 30 kV ESD Protection Diode with Low Clamping Voltage in 0402 Package
ESD341 TI-ESD341 Datasheet
835Kb / 15P
ESD341 1-Channel 짹 30 kV ESD Protection Diode in 0201 Package
APRIL 2022
ESD341 TI-ESD341_V01 Datasheet
1Mb / 17P
ESD341 1-Channel ± 30 kV ESD Protection Diode in 0201 Package
REVISED JULY 2022
ESD451 TI-ESD451 Datasheet
685Kb / 12P
ESD451 1-Channel ±30 kV Bidirectional ESD Diode in an 0201 Package
APRIL 2023
ESD441 TI-ESD441_V01 Datasheet
792Kb / 14P
ESD441 1-Channel ±30 kV Unidirectional ESD Diode in an 0201 Package
REVISED JUNE 2023
ESD451 TI-ESD451_V01 Datasheet
836Kb / 15P
ESD451 1-Channel ±30 kV Bidirectional ESD Diode in an 0201 Package
REVISED JUNE 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com