Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AND8020 Datasheet(PDF) 16 Page - Analog Devices

Part # AND8020
Description  Termination of ECL Logic Devices with EF (Emitter Follower) OUTPUT Structure
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AND8020 Datasheet(HTML) 16 Page - Analog Devices

Back Button AND8020 Datasheet HTML 10Page - Analog Devices AND8020 Datasheet HTML 11Page - Analog Devices AND8020 Datasheet HTML 12Page - Analog Devices AND8020 Datasheet HTML 13Page - Analog Devices AND8020 Datasheet HTML 14Page - Analog Devices AND8020 Datasheet HTML 15Page - Analog Devices AND8020 Datasheet HTML 16Page - Analog Devices AND8020 Datasheet HTML 17Page - Analog Devices AND8020 Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
AND8020/D
http://onsemi.com
16
Figure 21. Differential and Single−Ended AC
Configurations Using VBB Reference
VCC or VTT
VCC
Rpu 25 k
W to 100 kW
Receiver
OUT
OUT
IN
INb
Rt
VBB
VTT
1 k
W
* 0.001
mF
0.001
mF
VCC or VTT
VCC
Rpu 25 k
W to 100 kW
Receiver
OUT
OUT
IN
VBB
VTT
1 k
W
* 0.001
mF
0.01 − 0.001
mF
Rt
Rt
Rt
* High Voltage Cap May Be Needed
0.01 − 0.001
mF
A. Differential
B. Single−Ended
In Figure 21A, the IN line has a 1 k
W resistor to VBB,
presenting a 1 K
W impedance across the differential signal
lines. This assumes the signal impedance matching has been
accomplished prior to the cap coupling, on the driver side of
cap. Locate the coupling capacitor as physically close to the
input pin as possible to minimize the trace length and
diminish potential reflections due to the impedance
mismatch.
If signal impedance matching has not been accomplished
prior to the cap coupling, then a characteristic impedance
resistor, 2Z0, would be used across the input lines, on the
receiver side of the cap. The value of the Rpu resistor would
be adjusted to produce an acceptable null signal default
voltage drop.
Auto−Oscillation Suppression with VBB
If the differential inputs to the AC coupled device are left
open or if the driving signals are lost, both receiver input pin
voltages converge toward the VBIAS reference voltage VBB
value. Sustained oscillation may autonomously result from
a combination of ambient environmental noise, the device
small signal gain, and feedback from the output to the input
through parasitic capacitive and inductive paths.
As a differential receiver input voltage diverges, the
output responds by transitioning toward a state voltage. A
sufficient voltage
D across the receiver inputs will force the
output to state level. Depending on conditions, about 10 to
50 mV is sufficient to suppress instability oscillation and
force a determined state on the output.
For the configuration using the VBB reference, Figure 21,
this input voltage
D may be accomplished by injecting a
minimum current from VCC through an external pullup
resistor, Rpu, on ONE input line. The value of Rpu could
range from 25 k
W to 100 kW. As Rpu increases, the phase
error is diminished and the susceptibility to oscillation
increases.
Generally, an internal pull−down resistor ranging in value
from 52 k
W to 75 kW is deployed on an input pin. On some
D−bar (Invert) input pins an additional 36 k
W to 75 kW
resistor is deployed to suppress oscillation by forcing a
determined state on the output under open input or null
voltage conditions. A minimum input voltage
D of 20 to
30 mV may be effective depending on noise, gain, and
layout.
Generating VBB for VBIAS
When VBB voltages are desired, but not available within
a device, the reference level may be ported from a generator
as illustrated in Figure 22. Any of the “16” type buffers are
recommended for use in a high current gain VBB Generator
buffer. For example, the E416, EL16, LVEL16, EP16,
LVEP16, EL17, LVEL17, etc. type devices have a VBB pin
available for constructing a VBB Generator buffer.
Figure 22. VBB Voltage Reference Generator
VBB(out)
16
RT
VTT
VCC or VTT
VBB
0.01
mF
1 K
W
Non−VBB Biasing
Alternative to a device supplied VBB, any voltage source
may be supplied to bias receiver inputs to provide an
acceptable VIHCMR (Voltage Input HIGH Common Mode
Range) DC reference to the receiver (see specific device data
sheet). Signal impedance matching may be accomplished
prior to cap coupling, allowing a wide range values for a
rebiasing resistor network.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com