Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AND8020 Datasheet(PDF) 3 Page - Analog Devices

Part # AND8020
Description  Termination of ECL Logic Devices with EF (Emitter Follower) OUTPUT Structure
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AND8020 Datasheet(HTML) 3 Page - Analog Devices

  AND8020 Datasheet HTML 1Page - Analog Devices AND8020 Datasheet HTML 2Page - Analog Devices AND8020 Datasheet HTML 3Page - Analog Devices AND8020 Datasheet HTML 4Page - Analog Devices AND8020 Datasheet HTML 5Page - Analog Devices AND8020 Datasheet HTML 6Page - Analog Devices AND8020 Datasheet HTML 7Page - Analog Devices AND8020 Datasheet HTML 8Page - Analog Devices AND8020 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
AND8020/D
http://onsemi.com
3
Output Open, Short, and Safe DC Current
Left open, an output will only swing a few millivolts due
to parasitic “minimum current” leakage paths.
Shorted to VEE, a maximum current will develop, limited
only by the output transistor 8
W impedance, and may cause
damage to the output. Worst case short circuit current risks
destruction of the devices.
ISC +
VOH
RINT
+ 4V
8
W
= 500 mA!
(eq. 1)
Where:
VOH = 4.0 V
VCC = 5.0 V
VEE = 0.0 V
Rint =8
W
The continuous safe output current, Iout (continuous),
maximum limit is 50 mA under all spec operating
conditions. The continuous safe repetitive surge, Iout
(surge),
maximum
current
limit
is
100
mA
for
10 milliseconds per second duty cycle, provided the device’s
total thermal limits are observed. Output current polarity
will always be sinking into the termination scheme during
proper operation.
Static Analysis of Termination Resistor RE
The output continuous safe current limit, Iout (cont),
determines RE minimum DC termination scheme resistance
to VEE although this will not provide a practical AC signal
termination as shown in Table A: Minimum RE Values.
RE +
VOH
I max
(eq. 2)
Table A. Minimum RE Values
Line
VOH
RE(min)
PECL
4.0 V
80
W
LVPECL
2.4 V
48
W
LVEP PECL
1.6 V
32
W
A DC terminating resistor minimum, RE (min), of 80
W,
while sufficiently limiting the output load current to VEE,
may generate insufficient PECL output LOW and HIGH
state transitions.
The RE maximum is effectively determined by the
application load capacitance, CL, since an RC network is
formed by RE and CL which limits the signal fall time,
discharging the line to the LOW state voltage level. A
sufficiently high value RE or CL can cause the signal fall
time to the VOL level to violate specification limits.
Designed RE or CL values may selectively eliminate
undesirable noise.
Dynamic Analysis of Termination Resistor RE
The dynamic function of the termination resistor, RE is to
develop the voltage change,
DV, during a high−to−low or
low−to−high transition and present this to the transmission
medium such as coax, twisted pair, microstrip or stripline.
The
DV signal propagates to the receiver and is either
reflected, dissipated, or a combination.
Since the reflection coefficient at the load is of opposite
polarity to that of the source, a reflection will travel back and
forth over the transmission changing polarity after each
reflection until critically damped by line impedance. Thus,
steps may appear in the signal
DV at the receiving gate input
due to impedance mismatch and consequent partial
reflections.
When RE is too large, steps appear in the trailing edge of
the propagating signal,
DV, at the input to the receiving gate,
slowing the edge speed and increasing the net propagation
delay. A reasonable negative−going signal swing at the input
of the receiving gate results when the value of RE is selected
to produce an initial step of 75% of the expected
DV, or a
600 mV step for an 800 mV signal at the driving gate. For
a RSECL expected
DV swing of 400, a 300 mV initial step
is desired. Hence for a 600 mV initial step:
(VOH * VEE )
(Rt ) Z0 )
*Z0 y 0.6
I(init) * Z0 u 0.6
(eq. 3)
The value for RE is found in Table B: Recommended
Values of RE in Dynamic Functional Application. This table
lists recommended RE values for the various ECL devices by
Family Series according to the equation above. The table
assumes operation with various data sheet VOH values and
various VCC values driving a Z0 = 50
W line. Lowering the
value of RE will increase the voltage change,
DV, launched
into the transmission media. Raising the value of RE will
decrease the voltage change,
DV, launched into the
transmission media.
Table B. Recommended Nominal Values of RE in
Dynamic Functional Application
Series
|VCC−VEE|
RE (W)
NB
2.5
140
NB
3.3
250
10/100LVEP
2.5
50
10/100EP, 100LVEL
3.3
120
10/100EL, 10/100E
5.0
235



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com