Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X40410 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # X40410
Description  4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X40410 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button X40410 Datasheet HTML 7Page - Renesas Technology Corp X40410 Datasheet HTML 8Page - Renesas Technology Corp X40410 Datasheet HTML 9Page - Renesas Technology Corp X40410 Datasheet HTML 10Page - Renesas Technology Corp X40410 Datasheet HTML 11Page - Renesas Technology Corp X40410 Datasheet HTML 12Page - Renesas Technology Corp X40410 Datasheet HTML 13Page - Renesas Technology Corp X40410 Datasheet HTML 14Page - Renesas Technology Corp X40410 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
X40410, X40411, X40414, X40415
FN8116 Rev 0.00
Page 11 of 24
March 28, 2005
Stops and Write Modes
Stop conditions that terminate write operations must be
sent by the master after sending at least 1 full data byte
plus the subsequent ACK signal. If a stop is issued in the
middle of a data byte, or before 1 full data byte plus its
associated ACK is sent, then the device will reset itself
without performing the write. The contents of the array
will not be effected.
Acknowledge Polling
The disabling of the inputs during high voltage cycles
can be used to take advantage of the typical 5ms write
cycle time. Once the stop condition is issued to indicate
the end of the master’s byte load operation, the device
initiates the internal high voltage cycle. Acknowledge
polling can be initiated immediately. To do this, the mas-
ter issues a start condition followed by the Slave
Address Byte for a write or read operation. If the device
is still busy with the high voltage cycle then no ACK will
be returned. If the device has completed the write opera-
tion, an ACK will be returned and the host can then pro-
ceed with the read or write operation. See Figure 12.
Serial Read Operations
Read operations are initiated in the same manner as
write operations with the exception that the R/W bit of
the Slave Address Byte is set to one. There are three
basic read operations: Current Address Reads, Random
Reads, and Sequential Reads.
Current Address Read
Internally the device contains an address counter that
maintains the address of the last word read incremented
by one. Therefore, if the last read was to address n, the
next read operation would access data from address
n+1. On power-up, the address of the address counter is
undefined, requiring a read or write operation for initial-
ization.
Upon receipt of the Slave Address Byte with the R/W bit
set to one, the device issues an acknowledge and then
transmits the eight bits of the Data Byte. The master ter-
minates the read operation when it does not respond
with an acknowledge during the ninth clock and then
issues a stop condition. See Figure 13 for the address,
acknowledge, and data transfer sequence.
Figure 12. Acknowledge Polling Sequence
It should be noted that the ninth clock cycle of the read
operation is not a “don’t care.” To terminate a read oper-
ation, the master must either issue a stop condition
during the ninth cycle or hold SDA HIGH during the ninth
clock cycle and then issue a stop condition.
Random Read
Random read operation allows the master to access any
memory location in the array. Prior to issuing the Slave
Address Byte with the R/W bit set to one, the master must
first perform a “dummy” write operation. The master issues
the start condition and the Slave Address Byte, receives an
acknowledge, then issues the Word Address Bytes. After
acknowledging receipts of the Word Address Bytes, the
master immediately issues another start condition and the
Slave Address Byte with the R/W bit set to one. This is fol-
lowed by an acknowledge from the device and then by the
eight bit word. The master terminates the read operation by
not responding with an acknowledge and then issuing a
stop condition. See Figure 14 for the address, acknowl-
edge, and data transfer sequence.
ACK
Returned?
Issue Slave Address
Byte (Read or Write)
Byte Load Completed
by Issuing STOP.
Enter ACK Polling
Issue STOP
Issue START
NO
YES
High Voltage Cycle
Complete. Continue
Command Sequence?
Issue STOP
NO
Continue Normal
Read or Write
Command Sequence
PROCEED
YES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com