Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X40410 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # X40410
Description  4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X40410 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button X40410 Datasheet HTML 16Page - Renesas Technology Corp X40410 Datasheet HTML 17Page - Renesas Technology Corp X40410 Datasheet HTML 18Page - Renesas Technology Corp X40410 Datasheet HTML 19Page - Renesas Technology Corp X40410 Datasheet HTML 20Page - Renesas Technology Corp X40410 Datasheet HTML 21Page - Renesas Technology Corp X40410 Datasheet HTML 22Page - Renesas Technology Corp X40410 Datasheet HTML 23Page - Renesas Technology Corp X40410 Datasheet HTML 24Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
FN8116 Rev 0.00
Page 21 of 24
March 28, 2005
X40410, X40411, X40414, X40415
Intersil products are manufactured, assembled and tested utilizing ISO9001 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil may modify the circuit design and/or specifications of products at any time without notice, provided that such
modification does not, in Intersil's sole judgment, affect the form, fit or function of the product. Accordingly, the reader is cautioned to verify that datasheets are
current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its
subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
For additional products, see www.intersil.com/en/products.html
© Copyright Intersil Americas LLC 2005. All Rights Reserved.
All trademarks and registered trademarks are the property of their respective owners.
VTRIP1, VTRIP2, Programming Specifications: VCC = 2.0–5.5V; Temperature = 25°C
Parameter
Description
Min.
Max.
Unit
tVPS
WDO Program Voltage Setup time
10
µs
tVPH
WDO Program Voltage Hold time
10
µs
tTSU
VTRIPX Level Setup time
10
µs
tTHD
VTRIPX Level Hold (stable) time
10
µs
tWC
VTRIPX Program Cycle
10
ms
tVPO
Program Voltage Off time before next cycle
1
ms
VP
Programming Voltage
15
18
V
VTRAN1
VTRIP1 Set Voltage Range
2.0
4.75
V
VTRAN2
VTRIP2 Set Voltage Range – X40410/11
1.7
4.75
V
VTRAN2A
VTRIP2 Set to Voltage Range – X40414/15
0.9
3.5
V
Vtv
VTRIPX Set Voltage variation after programming (-40 to +85°C).
-25
+25
mV
tVPS
WDO Program Voltage Setup time
10
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com