Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X40410V8-C Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # X40410V8-C
Description  4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X40410V8-C Datasheet(HTML) 3 Page - Renesas Technology Corp

  X40410V8-C Datasheet HTML 1Page - Renesas Technology Corp X40410V8-C Datasheet HTML 2Page - Renesas Technology Corp X40410V8-C Datasheet HTML 3Page - Renesas Technology Corp X40410V8-C Datasheet HTML 4Page - Renesas Technology Corp X40410V8-C Datasheet HTML 5Page - Renesas Technology Corp X40410V8-C Datasheet HTML 6Page - Renesas Technology Corp X40410V8-C Datasheet HTML 7Page - Renesas Technology Corp X40410V8-C Datasheet HTML 8Page - Renesas Technology Corp X40410V8-C Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
X40410, X40411, X40414, X40415
FN8116 Rev 0.00
Page 3 of 24
March 28, 2005
PRINCIPLES OF OPERATION
Power-On Reset
Application of power to the X40410/11/14/15 activates a
Power-on Reset Circuit that pulls the RESET/RESET pins
active. This signal provides several benefits.
– It prevents the system microprocessor from starting to
operate with insufficient voltage.
– It prevents the processor from operating prior to stabiliza-
tion of the oscillator.
– It allows time for an FPGA to download its configuration
prior to initialization of the circuit.
– It prevents communication to the EEPROM, greatly
reducing the likelihood of data corruption on power-up.
When VCC exceeds the device VTRIP1 threshold value for
tPURST (selectable) the circuit releases the RESET
(X40411) and RESET (X40410) pin allowing the system to
begin operation.
Low Voltage VCC (V1 Monitoring)
During operation, the X40410/11/14/15 monitors the VCC
level and asserts RESET/RESET if supply voltage falls
below a preset minimum VTRIP1. The RESET/RESET sig-
nal prevents the microprocessor from operating in a
power fail or brownout condition. The V1FAIL signal
remains active until the voltage drops below 1V. It also
remains active until VCC returns and exceeds VTRIP1 for
tPURST.
Low Voltage V2 Monitoring
The X40410/11/14/15 also monitors a second voltage level
and asserts V2FAIL if the voltage falls below a preset
minimum VTRIP2. The V2FAIL signal is either ORed with
RESET to prevent the microprocessor from operating in a
power fail or brownout condition or used to interrupt the
microprocessor with notification of an impending power
failure. For the X40410/11 the V2FAIL signal remains
active until the VCC drops below 1V (VCC falling). It also
remains active until V2MON returns and exceeds VTRIP2
by 0.2V. This voltage sense circuitry monitors the power
supply connected to the V2MON pin. If VCC = 0, V2MON
can still be monitored.
For the X40414/15 devices, the V2FAIL signal remains
actice until VCC drops below 1Vx and remains active until
V2MON returns and exceeds VTRIP2. This sense circuitry
is powered by VCC. If VCC = 0, V2MON cannot be moni-
tored.
Figure 1. Two Uses of Multiple Voltage Monitoring
68
SCL
Serial Clock.
The Serial Clock controls the serial bus timing for data input and output.
71
WDO
WDO Output.
WDO is an active LOW, open drain output which goes active whenever the watch-
dog timer goes active.
82
VCC
Supply Voltage
PIN DESCRIPTION (Continued)
Pin
Name
Function
SOIC TSSOP
6–10V
VCC
5V
Reg
V2MON
X40411-A
Resistors selected so 3V appears on V2MON when unregulated
supply reaches 6V.
Unreg.
Supply
VCC
X40414-C
RESET
V2FAIL
System
VCC
Reset
RESET
V2FAIL
VCC
System
Reset
Notice:
No external components required to monitor two voltages.
1M
1M
V2MON
3.3V
Reg
1.2V
Reg
V2MON
(2.9V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com