Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X40410V8-C Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # X40410V8-C
Description  4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X40410V8-C Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button X40410V8-C Datasheet HTML 10Page - Renesas Technology Corp X40410V8-C Datasheet HTML 11Page - Renesas Technology Corp X40410V8-C Datasheet HTML 12Page - Renesas Technology Corp X40410V8-C Datasheet HTML 13Page - Renesas Technology Corp X40410V8-C Datasheet HTML 14Page - Renesas Technology Corp X40410V8-C Datasheet HTML 15Page - Renesas Technology Corp X40410V8-C Datasheet HTML 16Page - Renesas Technology Corp X40410V8-C Datasheet HTML 17Page - Renesas Technology Corp X40410V8-C Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
X40410, X40411, X40414, X40415
FN8116 Rev 0.00
Page 14 of 24
March 28, 2005
ABSOLUTE MAXIMUM RATINGS
Temperature under bias .................... -65°C to +135°C
Storage temperature ......................... -65°C to +150°C
Voltage on any pin with
respect to VSS ...................................... -1.0V to +7V
D.C. output current ............................................... 5mA
Lead temperature (soldering, 10 seconds)........ 300°C
COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only; functional operation of the
device (at these or any other conditions above those
listed in the operational sections of this specification) is
not implied. Exposure to absolute maximum rating condi-
tions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
*See Ordering Info
Temperature
Min.
Max.
Commercial
0°C
70°C
Industrial
-40°C
+85°C
Version
Chip Supply
Voltage
Monitored*
Voltages
X40410/11
-A or -B
2.7V to 5.5V
2.6V to 5V
X40410/11-
C, X40414/15
2.7V to 5.5V
1V to 3.6V
D.C. OPERATING CHARACTERISTICS
(Over the recommended operating conditions unless otherwise specified)
Symbol
Parameter
Min.
Typ.(4)
Max.
Unit
Test Conditions
ICC1(1)
Active Supply Current (
VCC) Read
1.5
mA
VIL = VCC x 0.1
VIH = VCC x 0.9,
fSCL = 400kHz
ICC2(1)
Active Supply Current (
VCC) Read
3.0
mA
ISB1(1)(6)
Standby Current (
VCC) AC (WDT off)
6
10
µA
VIL = VCC x 0.1
VIH =
VCC x 0.9
fSCL, fSDA = 400kHz
ISB2(2)(6)
Standby Current (
VCC) DC (WDT on)
25
30
µA
VSDA = VSCL = VCC
Others = GND or VCC
ILI
Input Leakage Current (SCL)
10
µA
VIL = GND to VCC
ILO
Output Leakage Current (SDA, V2-
FAIL, WDO, RESET)
10
µA
VSDA = GND to VCC
Device is in Standby(2)
VIL(3)
Input LOW Voltage (SDA, SCL)
-0.5
VCC x 0.3
V
VIH(3)
Input HIGH Voltage (SDA, SCL)
VCC x 0.7
VCC + 0.5
V
VHYS(6)
Schmitt Trigger Input Hysteresis
• Fixed input level
•
VCC related level
0.2
.05 x
VCC
V
V
VOL
Output LOW Voltage (SDA, RE-
SET/RESET, V2FAIL, WDO)
0.4
V
IOL = 3.0mA (2.7-5.5V)
IOL = 1.8mA (2.7-3.6V)
VOH
Output (RESET) HIGH Voltage
VCC - 0.8
VCC - 0.4
VIOH = -1.0mA (2.7-5.5V)
IOH = -0.4mA (2.7-3.6V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com