Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS62902-Q1 Datasheet(PDF) 39 Page - Texas Instruments

Part # TPS62902-Q1
Description  TPS62902-Q1 3-V to 18-V, 2-A, Automotive Low IQ Buck Converter with 165°C TJ
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62902-Q1 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TPS62902-Q1 Datasheet HTML 35Page - Texas Instruments TPS62902-Q1 Datasheet HTML 36Page - Texas Instruments TPS62902-Q1 Datasheet HTML 37Page - Texas Instruments TPS62902-Q1 Datasheet HTML 38Page - Texas Instruments TPS62902-Q1 Datasheet HTML 39Page - Texas Instruments TPS62902-Q1 Datasheet HTML 40Page - Texas Instruments TPS62902-Q1 Datasheet HTML 41Page - Texas Instruments TPS62902-Q1 Datasheet HTML 42Page - Texas Instruments TPS62902-Q1 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
9.4 System Examples
9.4.1 LED Power Supply
The TPS62902-Q1 can be used as a power supply for power LEDs. The FB pin can be easily set to lower
values than nominal by using the SS/TR pin. With that, the voltage drop on the sense resistor (R2) is reduced to
avoid excessive power loss. Because the SS/TR pin provides 2.5 µA (typical), the feedback pin voltage can be
adjusted by an external resistor per Equation 19. This drop, proportional to the LED current, is used to regulate
the output voltage (anode voltage) to a proper level to drive the LED. Both analog and PWM dimming are
supported with the TPS62902-Q1. Figure 9-64 shows an application circuit, tested with analog dimming.
VIN
EN
SS/TR
VIN
MODE/
S-CONF
SW
PG
VOS
FB/
VSET
R2
TPS629xx-Q1
L1
VOUT
GND
R3
R4
C1
10 μF
C2
22 μF
Figure 9-64. Single Power LED Supply
The resistor at SS/TR defines the FB voltage. The resistor at SS/TR is set to 304 mV by RSS/TR = R4 = 162 kΩ
using Equation 19. This cuts the losses on R2 to half from the nominal 0.6 V of feedback voltage while it still
provides good accuracy.
VFB = 0.75 x 2.5μA x RSS/TR
(19)
The device now supplies a constant current set by resistor R2 from FB/VSET to GND. The minimum input
voltage has to be rated according the forward voltage needed by the LED used. More information is available in
the Step-Down LED Driver With Dimming With the TPS621-Family and TPS821-Family application report.
9.4.2 Powering Multiple Loads
In applications where the TPS62902-Q1 is used to power multiple load circuits, the total capacitance on the
output can be very large. To properly regulate the output voltage, there must be an appropriate AC signal level
on the VOS pin. Tantalum capacitors have a large enough ESR to keep output voltage ripple sufficiently high
on the VOS pin. With low-ESR ceramic capacitors, the output voltage ripple can get very low, so TI does not
recommend to use a large capacitance directly on the output of the device. If there are several load circuits
with their associated input capacitor on a PCB, these loads are typically distributed across the board. This adds
enough trace resistance (Rtrace) to keep a large enough AC signal on the VOS pin for proper regulation.
The minimum total trace resistance on the distributed load is 10 mΩ. The total capacitance n × CIN in the use
case below was 32 × 47 μF of ceramic X7R capacitors.
www.ti.com
TPS62902-Q1
SLVSG70 – APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: TPS62902-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com