Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS62902-Q1 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS62902-Q1
Description  TPS62902-Q1 3-V to 18-V, 2-A, Automotive Low IQ Buck Converter with 165°C TJ
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62902-Q1 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS62902-Q1 Datasheet HTML 9Page - Texas Instruments TPS62902-Q1 Datasheet HTML 10Page - Texas Instruments TPS62902-Q1 Datasheet HTML 11Page - Texas Instruments TPS62902-Q1 Datasheet HTML 12Page - Texas Instruments TPS62902-Q1 Datasheet HTML 13Page - Texas Instruments TPS62902-Q1 Datasheet HTML 14Page - Texas Instruments TPS62902-Q1 Datasheet HTML 15Page - Texas Instruments TPS62902-Q1 Datasheet HTML 16Page - Texas Instruments TPS62902-Q1 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
8.3 Feature Description
8.3.1 Mode Selection and Device Configuration MODE/S-CONF
With MODE/S-CONF (SmartConfig), this device features an input with two functions. This pin can be used to
customize the device behavior in two ways:
• Select the device mode (Forced PWM or Auto PFM /PWM with AEE operation) with a HIGH-level or LOW-
level.
• Select the device configuration (switching frequency, internal or external feedback, output discharge, and
auto PFM/PWM mode) by connecting a single resistor to the MODE/S-CONF pin.
The TPS62902-Q1 interprets this pin during the start-up sequence after the internal OTP readout and before
the device starts switching in soft start (see Figure 8-1). If the device reads a HIGH-level or LOW-level, the
dynamic mode change is active and auto PFM/PWM or FPWM mode can be changed during operation. If the
TPS62902-Q1 reads a resistor value, the device is configured according to the resistance value in Table 8-1 and
there is no further interpretation during operation and device mode or other configurations can only be changed
by power cycling or disabling the device.
Note
The MODE/S-CONF pin must not be left floating. Connect the pin high, low, or to a resistor to
configure the device according to Table 8-1.
EN and UVLO
VOUT
Precise
Enable
detec on
OTP
Readout
S-CONF
Readout
VSET
Readout
So start
PG -> High
Switching
Opera on
No interpreta on of
MODE/S-CONF or VSET
Resistor-to-Digi al
readout and
interpreta on
MODE-Pin toggling detec on
Figure 8-1. Interpretation of S-CONF and VSET Flow
www.ti.com
TPS62902-Q1
SLVSG70 – APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TPS62902-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com