Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X80141 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # X80141
Description  Voltage Supervisor/Sequencer Quad Programmable Time Delay with Local/Remote Voltage Monitors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X80141 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button X80141 Datasheet HTML 7Page - Renesas Technology Corp X80141 Datasheet HTML 8Page - Renesas Technology Corp X80141 Datasheet HTML 9Page - Renesas Technology Corp X80141 Datasheet HTML 10Page - Renesas Technology Corp X80141 Datasheet HTML 11Page - Renesas Technology Corp X80141 Datasheet HTML 12Page - Renesas Technology Corp X80141 Datasheet HTML 13Page - Renesas Technology Corp X80141 Datasheet HTML 14Page - Renesas Technology Corp X80141 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
X80140, X80141, X80142, X80143, X80144
FN8153 Rev 0.00
Page 11 of 18
January 20, 2005
X80140/41/42/43
RESET
µC
VCC1
FPGA
VCC1
ASIC
VCC1
VCC2
VCC2
VCC2
On/Off
5V
Power
Supply
On/Off
1.2V
Power
Supply
On/Off
3.3V
Power
Supply
On/Off
2.5V
Power
Supply
12V
V3GDO
V3MON
V2GDO
V2MON
V1GDO
V1MON
V4GDO
V4MON
RESET
MR
5V
VCC
FIGURE 9. EXAMPLE OF RELAY POWER SUPPLY SEQUENCING
V1MON
tDELAY1
V1GDO
V1MON
threshold
Power Supply
#2 ON
Power Supply
V2MON
threshold
Power Supply
#4 ON
V2GDO
Timing Not
To Scale
Example: Five Independent
Power Supplies in relay timing
100ms
V3GDO
Programmable
Delay
Programmable
Delay
#2 OUTPUT
500ms
1sec
5sec
100ms
500ms
1sec
5sec
tDELAY2
Power Supply
#3 ON
V3MON
threshold
100ms
500ms
1sec
5sec
tDELAY3
Programmable
Delay
Power Supply
#3 OUTPUT
V4MON
Power Supply
#4 OUTPUT
threshold
100ms
500ms
1sec
5sec
tDELAY4
Programmable
Delay
V4GDO
Power Supply
#5 OUTPUT
RESET
tSPOR
(12V)
(5V)
(1.2V)
(3.3V)
(2.5V)
FIGURE 10. RELAY SEQUENCING OF DC-DC SUPPLIES (TIMING)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com