Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X80141 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # X80141
Description  Voltage Supervisor/Sequencer Quad Programmable Time Delay with Local/Remote Voltage Monitors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X80141 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button X80141 Datasheet HTML 10Page - Renesas Technology Corp X80141 Datasheet HTML 11Page - Renesas Technology Corp X80141 Datasheet HTML 12Page - Renesas Technology Corp X80141 Datasheet HTML 13Page - Renesas Technology Corp X80141 Datasheet HTML 14Page - Renesas Technology Corp X80141 Datasheet HTML 15Page - Renesas Technology Corp X80141 Datasheet HTML 16Page - Renesas Technology Corp X80141 Datasheet HTML 17Page - Renesas Technology Corp X80141 Datasheet HTML 18Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
X80140, X80141, X80142, X80143, X80144
FN8153 Rev 0.00
Page 15 of 18
January 20, 2005
The Device Type Identifier MUST be set to 1010 in order to
select the device.
• The next two bits (SA3 - SA2) are slave address bits. The
bits received via the SMBus are compared to A0 and A1 pins
and must match or the communication is aborted.
• The next bit, SA1, selects the device memory sector. There
are two addressable sectors: the memory array and the
control, fault detection and remote shutdown registers.
• The Least Significant Bit of the Slave Address (SA0) Byte is
the R/W bit. This bit defines the operation to be performed.
When the R/W bit is “1”, then a READ operation is selected.
A “0” selects a WRITE operation (Refer to Figure 13).
Serial Write Operations
Before any write operations can be performed, a programming
supply voltage (VP) must be supplied. This voltage is only
needed for programming, but the nonvolatile registers and
EEPROM locations cannot be programmed without it.
In order to successfully complete a write operation to either a
Control Register or the EEPROM array, the Write Enable Latch
(WEL) bit must first be set and either the WP pin or the WPEN
bit must be LOW.
Writes to the WEL bit do not cause a high voltage write cycle,
so the device is ready for the next operation immediately after
the STOP condition.
BYTE WRITE
For a write operation, the device requires the Slave Address
Byte and a Word Address Byte. This gives the master access
to any one of the words in the array. After receipt of the Word
Address Byte, the device responds with an acknowledge, and
awaits the next eight bits of data. After receiving the 8 bits of
the Data Byte, the device again responds with an
acknowledge. The master then terminates the transfer by
generating a STOP condition, at which time the device begins
the internal write cycle to the nonvolatile memory. During this
internal write cycle, the device inputs are disabled, so the
device will not respond to any requests from the master. The
SDA output is at high impedance.
A write to a protected block of memory will suppress the
acknowledge bit.
PAGE WRITE
The device is capable of a page write operation. See Figure
14. It is initiated in the same manner as the byte write
operation; but instead of terminating the write cycle after the
first data byte is transferred, the master can transmit an
unlimited number of 8-bit bytes. After the receipt of each byte,
the device will respond with an acknowledge, and the address
is internally incremented by one. The page address remains
constant. When the counter reaches the end of the page, it
“rolls over” and goes back to ‘0’ on the same page. See Figure
15.
This means that the master can write 16 bytes to the page
starting at any location on that page. If the master begins
writing at location 10, and loads 12 bytes, then the first 6 bytes
are written to locations 10 through 15, and the last 6 bytes are
written to locations 0 through 5. Afterwards, the address
counter would point to location 6 of the page that was just
written. If the master supplies more than 16 bytes of data, then
new data overwrites the previous data, one byte at a time.
The master terminates the Data Byte loading by issuing a
STOP condition, which causes the device to begin the
nonvolatile write cycle. As with the byte write operation, all
inputs are disabled until completion of the internal write cycle.
STOP AND WRITE MODES
STOP conditions that terminate write operations must be sent
by the master after sending at least 1 full data byte plus the
subsequent ACK signal. If a STOP is issued in the middle of a
data byte, or before 1 full data byte plus its associated ACK is
sent, then the device will reset itself without performing the
write. The contents of the array will not be effected.
ACKNOWLEDGE POLLING
The disabling of the inputs during high voltage cycles can be
used to take advantage of the typical 5ms write cycle time.
Once the STOP condition is issued to indicate the end of the
master’s byte load operation, the device initiates the internal
high voltage cycle. Acknowledge polling can be initiated
immediately. To do this, the master issues a START condition
followed by the Slave Address Byte for a write or read
operation. If the device is still busy with the high voltage cycle
then no ACK will be returned. If the device has completed the
SA6
SA7
SA5
SA3
SA2
SA1
SA0
DEVICE TYPE
IDENTIFIER
READ /
SA4
R/W
101
0
WRITE
ADDRESS
EXTERNAL
DEVICE
Memory
Select
A1
A0
MS
INTERNAL
ADDRESS (SA1)
INTERNALLY ADDRESSED
DEVICE
0EEPROM Array
1
Control Register,
Fault Detection Register
BIT SA0
OPERATION
0WRITE
1
READ
FIGURE 13. SLAVE ADDRESS FORMAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com