Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9530 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # X9530
Description  Temperature Compensated Laser Diode Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9530 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button X9530 Datasheet HTML 20Page - Renesas Technology Corp X9530 Datasheet HTML 21Page - Renesas Technology Corp X9530 Datasheet HTML 22Page - Renesas Technology Corp X9530 Datasheet HTML 23Page - Renesas Technology Corp X9530 Datasheet HTML 24Page - Renesas Technology Corp X9530 Datasheet HTML 25Page - Renesas Technology Corp X9530 Datasheet HTML 26Page - Renesas Technology Corp X9530 Datasheet HTML 27Page - Renesas Technology Corp X9530 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
24
FN8211.1
November 11, 2005
Notes: 1.
The device goes into Standby: 200 ns after any STOP, except those that initiate a nonvolatile write cycle. It goes into Standby tWC after
a STOP that initiates a nonvolatile write cycle. It also goes into Standby 9 clock cycles after any START that is not followed by the cor-
rect Slave Address Byte.
2.
tWC is the time from a valid STOP condition at the end of a write sequence to the end of the self-timed internal nonvolatile write cycle. It
is the minimum cycle time to be allowed for any nonvolatile write by the user, unless Acknowledge Polling is used.
3.
For this range of V(VRef) the full scale sink mode current at I1 and I2 follows V(VRef) with a linearity error smaller than 1%.
4.
These parameters are periodically sampled and not 100% tested.
5.
TCOref = [Max V(VREF) - Min V(VREF)] x 106/(1.21V x 140°C)
VIHCMOS
WP, A0, A1, and A2 input
High voltage
0.8 x
Vcc
Vcc
V
VRefout
Output Voltage at VRef at
25°C
1.205
1.21
1.215
V
-20
A  I(VRef)  20 A
RVref
VRef pin input resistance
20
40
k
VRM bit = “1”, 25°C
TCOref
Temperature coefficient of
VRef output voltage
-100
+100
ppm/°
C
See note 4 and 5.
VRef Range
Voltage range when VRef
is an input
1
1.3
V
See note 3.
TSenseRange
Temperature sensor
range
-40
100
°C
See note 4.
IR
Current from pin R1 or R2
to Vss
0
1600
A
VPOR
Power-on reset threshold
voltage
1.5
2.8
V
VccRamp
Vcc Ramp Rate
0.2
50
mV /
s
VADCOK
ADC enable minimum
voltage
2.6
2.8
V
See Figure 8.
ELECTRICAL CHARACTERISTICS (CONTINUED)
All typical values are for 25°C ambient temperature and 5 V at pin Vcc. Maximum and minimum specifications are
over the recommended operating conditions. All voltages are referred to the voltage at pin Vss unless otherwise
specified. All bits in control registers are “0” unless otherwise specified. 510
, 0.1%, resistor connected between R1
and Vss, and another between R2 and Vss unless otherwise specified. 400kHz TTL input at SCL unless otherwise
specified. SDA pulled to Vcc through an external 2k
 resistor unless otherwise specified. 2-wire interface in “standby”
(see notes 1 and 2 on page 22), unless otherwise specified. WP, A0, A1, and A2 floating unless otherwise specified.
VRef pin unloaded, unless otherwise specified.
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions / Notes
X9530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com