Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9530 Datasheet (PDF) - Renesas Technology Corp

X9530 Datasheet PDF - Renesas Technology Corp
Part # X9530
Download  X9530 Download
File Size   496.19 Kbytes
Page   29 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Temperature Compensated Laser Diode Controller

X9530 Datasheet (PDF)

Go To PDF Page Download Datasheet
X9530 Datasheet PDF - Renesas Technology Corp

Part # X9530
Download  X9530 Click to download

File Size   496.19 Kbytes
Page   29 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Temperature Compensated Laser Diode Controller

X9530 Datasheet (HTML) - Renesas Technology Corp


X9530 Product details

FEATURES
• Compatible with Popular Fiber Optic Module
Specifications such as Xenpak, SFF, SFP, and
GBIC
• Package
—14 Ld TSSOP
• Two Programmable Current Generators
—±1.6 mA max.
—8-bit (256 Step) Resolution
• Integrated 6 bit A/D Converter
• Temperature Compensation
—Internal or External Sensor
—-40°C to +100°C Range
—2.2°C/step Resolution
—EEPROM Look-up Tables
• Hot Pluggable
• 2176-bit EEPROM
—17 Pages
—16 Bytes per Page
• Write Protection Circuitry
—Intersil BlockLock™
—Logic Controlled Protection
—2-wire Bus with 3 Slave Address Bits
• 3V to 5.5V, Single Supply Operation
• Pb-Free Plus Anneal Available (RoHS Compliant)
LASER DIODE BIAS CONTROL APPLICATIONS
• SONET and SDH Transmission Systems
• 1G and 10G Ethernet, and Fibre Channel Laser
Diode Driver Circuits




Similar Part No. - X9530

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9530 XICOR-X9530 Datasheet
479Kb / 30P
Temperature Compensated Laser Diode Controller
logo
Intersil Corporation
X9530 INTERSIL-X9530 Datasheet
444Kb / 30P
Temperature Compensated Laser Diode Controller
March 10, 2005
X9530 INTERSIL-X9530 Datasheet
372Kb / 28P
Temperature Compensated Laser Diode Controller
November 11, 2005
X9530-B15I INTERSIL-X9530-B15I Datasheet
444Kb / 30P
Temperature Compensated Laser Diode Controller
March 10, 2005
X9530-V14I INTERSIL-X9530-V14I Datasheet
444Kb / 30P
Temperature Compensated Laser Diode Controller
March 10, 2005
More results


Similar Description - X9530

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M61880FP MITSUBISHI-M61880FP Datasheet
160Kb / 6P
Laser-diode driver / controller
M66515FP MITSUBISHI-M66515FP Datasheet
174Kb / 7P
LASER-DIODE DRIVER/CONTROLLER
logo
Toshiba Semiconductor
1SZ57 TOSHIBA-1SZ57 Datasheet
60Kb / 2P
TEMPERATURE COMPENSATED ZENER DIODE
logo
Xicor Inc.
X9530 XICOR-X9530 Datasheet
479Kb / 30P
Temperature Compensated Laser Diode Controller
logo
Intersil Corporation
X9530 INTERSIL-X9530 Datasheet
444Kb / 30P
Temperature Compensated Laser Diode Controller
March 10, 2005
X9530_0511 INTERSIL-X9530_0511 Datasheet
372Kb / 28P
Temperature Compensated Laser Diode Controller
November 11, 2005
logo
Renesas Technology Corp
M61880FP RENESAS-M61880FP Datasheet
228Kb / 21P
Laser Diode Driver/Controller
logo
IC-Haus GmbH
IC-VJ ICHAUS-IC-VJ Datasheet
293Kb / 10P
LASER DIODE CONTROLLER
logo
New Jersey Semi-Conduct...
1N4611 NJSEMI-1N4611 Datasheet
62Kb / 1P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODE
logo
IC-Haus GmbH
VJSO16N ICHAUS-VJSO16N Datasheet
293Kb / 10P
LASER DIODE CONTROLLER
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com