Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9530 Datasheet (PDF) - Xicor Inc.

X9530 Datasheet PDF - Xicor Inc.
Part # X9530
Download  X9530 Download
File Size   479.81 Kbytes
Page   30 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description Temperature Compensated Laser Diode Controller

X9530 Datasheet (PDF)

Go To PDF Page Download Datasheet
X9530 Datasheet PDF - Xicor Inc.

Part # X9530
Download  X9530 Click to download

File Size   479.81 Kbytes
Page   30 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description Temperature Compensated Laser Diode Controller

X9530 Datasheet (HTML) - Xicor Inc.


X9530 Product details

DESCRIPTION
The X9530 is a highly integrated laser diode bias controller which incorporates two digitally controlled Programmable Current Generators, temperature compensation with dedicated look-up tables, and supplementary EEPROM array. All functions of the device are controlled via a 2-wire digital serial interface.

FEATURES
• Compatible with Popular Fiber Optic Module
   Specifications such as Xenpak, SFF, SFP, and
   GBIC
• Package
   —14 Pin TSSOP
   —15 Lead 2.7 x 3.5mm CSP (Chip-Scale
      Package)
• Two Programmable Current Generators
   —±1.6 mA max.
   —8-bit (256 Step) Resolution
• Integrated 6 bit A/D Converter
• Temperature Compensation
   —Internal or External Sensor
   —–40°C to +100°C Range
   —2.2°C / step resolution
   —EEPROM Look-up Tables
• Hot Pluggable
• 2176-bit EEPROM
   —17 Pages
   —16 Bytes per Page
• Write Protection Circuitry
   —Xicor BlockLock™
   —Logic Controlled Protection
   —2-wire Bus with 3 Slave Address Bits
• 3 V to 5.5 V, Single Supply Operation
   LASER DIODE BIAS CONTROL APPLICATIONS
• SONET and SDH Transmission Systems
• 1G and 10G Ethernet, and Fibre Channel Laser
   Diode Driver Circuits




Similar Part No. - X9530

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9530 INTERSIL-X9530 Datasheet
444Kb / 30P
Temperature Compensated Laser Diode Controller
March 10, 2005
X9530 INTERSIL-X9530 Datasheet
372Kb / 28P
Temperature Compensated Laser Diode Controller
November 11, 2005
logo
Renesas Technology Corp
X9530 RENESAS-X9530 Datasheet
496Kb / 29P
Temperature Compensated Laser Diode Controller
November 11, 2005
logo
Intersil Corporation
X9530-B15I INTERSIL-X9530-B15I Datasheet
444Kb / 30P
Temperature Compensated Laser Diode Controller
March 10, 2005
X9530-V14I INTERSIL-X9530-V14I Datasheet
444Kb / 30P
Temperature Compensated Laser Diode Controller
March 10, 2005
More results


Similar Description - X9530

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M61880FP MITSUBISHI-M61880FP Datasheet
160Kb / 6P
Laser-diode driver / controller
M66515FP MITSUBISHI-M66515FP Datasheet
174Kb / 7P
LASER-DIODE DRIVER/CONTROLLER
logo
Toshiba Semiconductor
1SZ57 TOSHIBA-1SZ57 Datasheet
60Kb / 2P
TEMPERATURE COMPENSATED ZENER DIODE
logo
Intersil Corporation
X9530 INTERSIL-X9530 Datasheet
444Kb / 30P
Temperature Compensated Laser Diode Controller
March 10, 2005
X9530_0511 INTERSIL-X9530_0511 Datasheet
372Kb / 28P
Temperature Compensated Laser Diode Controller
November 11, 2005
logo
Renesas Technology Corp
M61880FP RENESAS-M61880FP Datasheet
228Kb / 21P
Laser Diode Driver/Controller
logo
IC-Haus GmbH
IC-VJ ICHAUS-IC-VJ Datasheet
293Kb / 10P
LASER DIODE CONTROLLER
logo
New Jersey Semi-Conduct...
1N4611 NJSEMI-1N4611 Datasheet
62Kb / 1P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODE
logo
IC-Haus GmbH
VJSO16N ICHAUS-VJSO16N Datasheet
293Kb / 10P
LASER DIODE CONTROLLER
logo
Renesas Technology Corp
X9530 RENESAS-X9530 Datasheet
496Kb / 29P
Temperature Compensated Laser Diode Controller
November 11, 2005
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com