Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61880FP Datasheet (PDF) - Renesas Technology Corp

M61880FP Datasheet PDF - Renesas Technology Corp
Part # M61880FP
Download  M61880FP Download
File Size   228.84 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Laser Diode Driver/Controller

M61880FP Datasheet (PDF)

Go To PDF Page Download Datasheet
M61880FP Datasheet PDF - Renesas Technology Corp

Part # M61880FP
Download  M61880FP Click to download

File Size   228.84 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Laser Diode Driver/Controller

M61880FP Datasheet (HTML) - Renesas Technology Corp


M61880FP Product details

Description
The M61880FP is a laser diode driver/controller that performs drive and laser power control of a type of semiconductor laser diode in which the semiconductor laser diode anode and monitoring photodiode cathode are connected to the stem.
The M61880FP has a sink type laser drive current output pin, is capable of high-speed switching at up to 200 Mbps, and can drive a laser diode at a maximum drive current of 100 mA (drive current = switching current + bias current).
A high-speed sample-and-hold circuit is incorporated, enabling a self-APC* system to be implemented without the need for laser power control from outside.
* Automatic Power Control

Features
• On-chip self-APC sample-and-hold circuit
    High-speed sampling circuit
    APC 1% variance response time = 1 µs (C = 0.047 µF)
    High-impedance hold circuit
    (1% error or less at C = 0.047 µF, t = 1 ms)
• High-speed switching (200 Mbps max.)
• High drive current (100 mA max.)
• Bias current settable (40 mA max.)
• 5 V single power supply

Application
    Semiconductor laser diode application systems (LBPs, PPCs, optical communications, measuring instruments, etc.)




Similar Part No. - M61880FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M61880FP MITSUBISHI-M61880FP Datasheet
160Kb / 6P
Laser-diode driver / controller
More results


Similar Description - M61880FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M61880FP MITSUBISHI-M61880FP Datasheet
160Kb / 6P
Laser-diode driver / controller
M66510P MITSUBISHI-M66510P Datasheet
224Kb / 10P
LASER-DIODE DRIVER
M66515FP MITSUBISHI-M66515FP Datasheet
174Kb / 7P
LASER-DIODE DRIVER/CONTROLLER
M66516FP MITSUBISHI-M66516FP Datasheet
228Kb / 10P
LASER-DIODE DRIVER/CONTROLLER
logo
Renesas Technology Corp
M66515FP RENESAS-M66515FP Datasheet
173Kb / 12P
Laser Diode Driver/Controller
logo
IC-Haus GmbH
IC-VJ ICHAUS-IC-VJ Datasheet
293Kb / 10P
LASER DIODE CONTROLLER
logo
Roithner LaserTechnik G...
EU-38-PD ROITHNER-EU-38-PD Datasheet
95Kb / 2P
Laser Diode Driver
logo
IC-Haus GmbH
VJSO16N ICHAUS-VJSO16N Datasheet
293Kb / 10P
LASER DIODE CONTROLLER
WJZMSOP8 ICHAUS-WJZMSOP8 Datasheet
577Kb / 12P
LASER DIODE DRIVER
WJZSO8 ICHAUS-WJZSO8 Datasheet
577Kb / 12P
LASER DIODE DRIVER
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com