Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61880FP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M61880FP
Description  Laser Diode Driver/Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61880FP Datasheet(HTML) 3 Page - Renesas Technology Corp

  M61880FP Datasheet HTML 1Page - Renesas Technology Corp M61880FP Datasheet HTML 2Page - Renesas Technology Corp M61880FP Datasheet HTML 3Page - Renesas Technology Corp M61880FP Datasheet HTML 4Page - Renesas Technology Corp M61880FP Datasheet HTML 5Page - Renesas Technology Corp M61880FP Datasheet HTML 6Page - Renesas Technology Corp M61880FP Datasheet HTML 7Page - Renesas Technology Corp M61880FP Datasheet HTML 8Page - Renesas Technology Corp M61880FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
M61880FP
Rev.1.0, Sep.19.2003, page 3 of 20
Pin Description
Pin No.
Symbol
Name
Function
1
Rs
Switching current setting
resistance connection pin
Connects switching object current (ISW) setting resistance to GND.
2
GND1
Ground 1
Internal analog GND
3
RB
Bias current setting
resistance connection pin
Connects bias current (IB) setting resistance to GND.
Leave this pin open when IB is not used.
4
VB
Bias current setting voltage
input
Bias current value (IB) is set by applying a voltage to this pin.
Leave this pin open when IB is not used.
5
Vref
Reference voltage output
M61880 internal reference voltage (1.5 V typ.) output pin
6
Vr
Reference voltage input
Connected to non-reversed input pin of comparator in sample-and-
hold circuit. Connect this pin to Vref pin when using M61880
internal reference voltage.
7
CH
Hold capacitance
connection pin
Connects hold capacitance to GND. This pin is connected to
sample-and-hold circuit output and ISW current source input in
M61880.
8
S/H
Sample-and-hold control
input
Sampling when “H”, hold when “L”
9
Vcc1
Power supply 1
Internal analog power supply. Connected to positive power supply
(+5 V).
10
NC
NC
Not connected to internal circuitry.
11, 12
1RM
2RM
Monitoring load resistance
connection pins
Connects load resistance for converting monitor photodiode current
to voltage between 1RM and 2RM. (1RM pin is connected to GND
in IC.)
13
ENB
Laser current enable input
When “H”, LD drive current source circuit is turned off. Also, CH
pin is forcibly fixed at “L” level.
14
DATA
Switching data input
ISW+IB current flows to laser diode when “+”, and IB current when
“H”.
15
PD
Monitoring photodiode
current input
Connects monitor photodiode anode.
16
GND2
Ground 2
Internal digital GND
17
LD
Laser current output
Connects semiconductor laser diode cathode.
18
NC
NC
Not connected to internal circuitry.
19
RO
Laser current load output
Connects laser current load resistance to Vcc.
20
Vcc2
Power supply 2
Internal digital power supply. Connected to positive power supply
(+5 V).
Operation
1. Laser drive current setting method
The laser drive current consists of switching current ISW + bias current IB.
(1) Switching current ISW setting method
a. Decide the maximum current value ILD(MAX) to flow in the laser diode (LD). This is decided taking account of
the LD type, dispersion, temperature changes, secular changes, etc.
b. Find ISW (initial set value) from the following equation.
ISW (initial set value) = ILD(MAX)/1.9
c. Find switching current setting resistance RS from the following equation.
RS [k
Ω]
30
× Vref (1.5V) [V] / ISW (initial set value) [mA]
In this case the LD current can be controlled in a range of 10% to 90% of ISW (initial set value).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com