Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61880FP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M61880FP
Description  Laser Diode Driver/Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61880FP Datasheet(HTML) 2 Page - Renesas Technology Corp

  M61880FP Datasheet HTML 1Page - Renesas Technology Corp M61880FP Datasheet HTML 2Page - Renesas Technology Corp M61880FP Datasheet HTML 3Page - Renesas Technology Corp M61880FP Datasheet HTML 4Page - Renesas Technology Corp M61880FP Datasheet HTML 5Page - Renesas Technology Corp M61880FP Datasheet HTML 6Page - Renesas Technology Corp M61880FP Datasheet HTML 7Page - Renesas Technology Corp M61880FP Datasheet HTML 8Page - Renesas Technology Corp M61880FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
M61880FP
Rev.1.0, Sep.19.2003, page 2 of 20
Block Diagram
1
3
4
5
6
7
8
11
17
19
∗ISW+IB=100mA (max)
VCC1
DATA
VCC2
GND1
Switching current
source
(Isw)
100mA max∗
Bias current
source
(IB)
40mA max∗
VCC1, GND1: For IC internal analog system
VCC2, GND2: For IC internal digital system
GND2
ENB
12
15
13
2
9
20
16
14
RO
Vref
LD
PD
S/H
Sample-and-hold
control input
Vr
Reference voltage input
Monitoring load resistance
connection pins
Comparator
Sample-and-hold circuit
Reference
voltage
source
Current switching
circuit
Monitoring photodiode
current input
Laser current
output
Reference voltage
output
Laser current
load resistance
Switching data input
Power supply 1
Power supply 2
Ground 1
Ground 2
Laser current enable
control input
CH
Hold capacitance
connection pin
RS
Switching current setting
resistance connection pin
VB
Bias current setting
voltage input
RB
Bias current setting
resistance connection pin
2RM
1RM
IPD
Function Overview
The M61880FP is a semiconductor laser diode driver/controller that automatically performs drive and laser power
control of a type of semiconductor laser diode in which the semiconductor laser diode (LD) anode and monitoring
photodiode (PD) cathode are connected to the stem.
Laser power control operation is performed by connecting an external capacitance to the CH pin and applying a
reference voltage to the Vr pin.
The PD current resulting from LD light emission flows to a resistance connected between 1RM and 2RM, and
generates a voltage (VM). This VM voltage is compared with the voltage applied to the Vr pin, and if VM < Vr, the
current from the CH pin is taken as a source current and an external capacitance is charged.
If VM > Vr, the current from the CH pin is taken as a sink current and the external capacitance charge is discharged.
This operation is performed when
S/H input = “L” and DATA input = “L” (sampling). When S/H input = “H”, the CH
pin goes to the high-impedance state (hold) irrespective of the state of VM, Vr, and the
DATA input.
The LD drive current is composed of switching current ISW controlled by
DATA input and LD bias current IB
unrelated to the
DATA input state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com