Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61880FP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M61880FP
Description  Laser Diode Driver/Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61880FP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M61880FP Datasheet HTML 9Page - Renesas Technology Corp M61880FP Datasheet HTML 10Page - Renesas Technology Corp M61880FP Datasheet HTML 11Page - Renesas Technology Corp M61880FP Datasheet HTML 12Page - Renesas Technology Corp M61880FP Datasheet HTML 13Page - Renesas Technology Corp M61880FP Datasheet HTML 14Page - Renesas Technology Corp M61880FP Datasheet HTML 15Page - Renesas Technology Corp M61880FP Datasheet HTML 16Page - Renesas Technology Corp M61880FP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
M61880FP
Rev.1.0, Sep.19.2003, page 13 of 20
4. Example of sample-and-hold type self-APC circuit
(Controlling two laser diodes)
ISW
20
18
17
16
15
14
12
11
IB
2.5V
1.5V
COMP
M61880FP-1
2RM
1RM
ENB
DATA
PD
LD
NC
10
Ω
5V
RS
RO
1.5k
Ω
RB
150
Ω
VB
Vref
Vr
CH
NC
S/H
5V
0.047µF
1
2
3
4
5
6
7
8
9
10
13
19
100pF
36
Ω
ISW
20
18
17
16
15
14
12
11
IB
2.5V
1.5V
COMP
M61880FP-2
2RM
1RM
ENB
DATA
PD
LD
NC
10
Ω
5V
RS
RO
1.5k
Ω
RB
150
Ω
VB
Vref
Vr
CH
NC
S/H
5V
0.047µF
1
2
3
4
5
6
7
8
9
10
13
19
100pF 36
Ω
LD1
PD
LD2
5V
VCC
Rm
Rvr2
50k
Rvr1
50k
Vcc2
Digital
GND2
Digital
Vcc1
Analog
GND1
Analog
TTL input
Charge/
discharge
control circuit
Reference
voltage
Vcc2
Digital
GND2
Digital
Vcc1
Analog
GND1
Analog
TTL input
Charge/
discharge
control circuit
Reference
voltage
Sample-and-Hold Timing
Sampling
HOLD
M61880FP-1
HOLD
S/H input
M61880FP-2
S/H input
Start of data transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com