Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZAMC4100GA2V Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # ZAMC4100GA2V
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100GA2V Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button ZAMC4100GA2V Datasheet HTML 35Page - Renesas Technology Corp ZAMC4100GA2V Datasheet HTML 36Page - Renesas Technology Corp ZAMC4100GA2V Datasheet HTML 37Page - Renesas Technology Corp ZAMC4100GA2V Datasheet HTML 38Page - Renesas Technology Corp ZAMC4100GA2V Datasheet HTML 39Page - Renesas Technology Corp ZAMC4100GA2V Datasheet HTML 40Page - Renesas Technology Corp ZAMC4100GA2V Datasheet HTML 41Page - Renesas Technology Corp ZAMC4100GA2V Datasheet HTML 42Page - Renesas Technology Corp ZAMC4100GA2V Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
39
January 26, 2016
Toggling the WDTCLR bit periodically will clear the WDT as well as both post-scalers which will consequently
avoid the WDT reset event. In order to toggle the WDTCLR bit, the MCU should do the following sequence:
1. Read the WDTCONF register
2. Invert the WDTCLR bit
3. Write back the WDTCONF register
This method requires SPI interface to be functional, which is effectively self-diagnostic. This ensures firmware
within the MCU is operational and free from abnormal behavior.
Once the WDT is configured, the write access to register WDTCONF can be locked with setting bit WDTLCK = 1.
This avoids unintentional WDT reconfiguration or disabling caused by an MCU firmware malfunction. If the WDT
is disabled, the current post-scaler values are automatically cleared.
Figure 3.5 shows an example of the MCU and system reset generation by the WDT. Parameters tMCU_RST and
tSYS_RST are specified in Table 1.17. The duration of the system reset pulse is longer than the MCU reset pulse
because the power-off/on cycle of the MCU regulators is executed.
Important notes:
1. If the WDT is enabled and the bit WDTLCK is set, the MCU cannot disable the WDT until the next
power-on-reset.
2. Once the WDTLCK bit is set, it can be cleared only by a power-on reset.
3. The WDTLCK bit does not lock the write for the WDTCLR bit.
4. If the WDT is enabled, the configuration for the MCU reset and system reset time-out (bits SWDPOS and
MWDPOS of register WDTCONF) cannot be changed.
5. The WDT time-base period of 10ms is calculated for the typical value of the OSCL frequency (see
Table 1.14).
6. If a system reset by WDT is generated, the same flow is executed as in the case of a power-on reset (see
Figure 3.1).
Figure 3.5 WDT Operation
WDTEN
MWDPOS
"000" (MCU reset time-out tMCU_TO = 10ms)
SWDPOS
"10" (System reset time-out tSYS_TO = 4x10ms)
tMCU_TO
tMCU_TO
tMCU_TO
MCU_RSTN
(internal pin)
SYS_RSTN
(internal signal)
tMCU_RST
tSYS_RST
tSYS_TO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com