Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZAMC4100GA2V Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # ZAMC4100GA2V
Description  Actuator and Motor Controller
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZAMC4100GA2V Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button ZAMC4100GA2V Datasheet HTML 78Page - Renesas Technology Corp ZAMC4100GA2V Datasheet HTML 79Page - Renesas Technology Corp ZAMC4100GA2V Datasheet HTML 80Page - Renesas Technology Corp ZAMC4100GA2V Datasheet HTML 81Page - Renesas Technology Corp ZAMC4100GA2V Datasheet HTML 82Page - Renesas Technology Corp ZAMC4100GA2V Datasheet HTML 83Page - Renesas Technology Corp ZAMC4100GA2V Datasheet HTML 84Page - Renesas Technology Corp ZAMC4100GA2V Datasheet HTML 85Page - Renesas Technology Corp ZAMC4100GA2V Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 156 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
82
January 26, 2016
Table 3.34 ADCCTRL Register Bits Mapping
Name
ADCCTRL
Bit No
7
6
5
4
3
2
1
0
Bit name
Reset
U
0
0
0
0
0
0
0
Access
U
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Address
0x12
R/W = Read/Write bit; U = Unimplemented, read as ‘0.’
Note: When the ADC conversion is running, bits INPSEL[4:0] are accessed
as read-only.
Table 3.35 ADCCTRL Register Bits Description
Bit
Description
7
Unimplemented bit. Read as 0.
6
CCNV: Continuous Conversion Mode.
1 = ADC performs Continuous Conversion Mode.
0 = ADC idle.
5
SCNV: Single Conversion Mode.
1 = ADC performs Single Conversion Mode. Cleared automatically at completion of ADC conversion.
0 = ADC idle.
4:0
INPSEL: Input MUX Select Channels. See Table 3.36.
Note: When CCNV and SCNV are both set, the ADC performs in the Continuous Conversion Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com