Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7010ZI1R Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # ZLED7010ZI1R
Description  40V LED Driver with Temperature Compensation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZLED7010ZI1R Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button ZLED7010ZI1R Datasheet HTML 15Page - Renesas Technology Corp ZLED7010ZI1R Datasheet HTML 16Page - Renesas Technology Corp ZLED7010ZI1R Datasheet HTML 17Page - Renesas Technology Corp ZLED7010ZI1R Datasheet HTML 18Page - Renesas Technology Corp ZLED7010ZI1R Datasheet HTML 19Page - Renesas Technology Corp ZLED7010ZI1R Datasheet HTML 20Page - Renesas Technology Corp ZLED7010ZI1R Datasheet HTML 21Page - Renesas Technology Corp ZLED7010ZI1R Datasheet HTML 22Page - Renesas Technology Corp ZLED7010ZI1R Datasheet HTML 23Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
ZLED7010 Datasheet
© 2016 Integrated Device Technology, Inc.
20
April 20, 2016
Figure 7.2
SOP-8 Package Drawing
Table 7.2
Package Dimensions SOP-8
Symbol
Dimension (mm)
Symbol
Dimension (mm, except
θ)
Min
Max
Min
Max
A
1.350
1.750
E
3.800
4.000
A1
0.100
0.250
E1
5.800
6.240
A2
1.450 Typical
e
1.270 Typical
b
0.350
0.490
L
0.400
1.270
c
0.178
0.250
θ
0°
8°
D
4.800
5.000
The SOP-8 package has a thermal resistance (junction to ambient) of RθJA = 128 K/W.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com