Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7010ZI1R Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # ZLED7010ZI1R
Description  40V LED Driver with Temperature Compensation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZLED7010ZI1R Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button ZLED7010ZI1R Datasheet HTML 15Page - Renesas Technology Corp ZLED7010ZI1R Datasheet HTML 16Page - Renesas Technology Corp ZLED7010ZI1R Datasheet HTML 17Page - Renesas Technology Corp ZLED7010ZI1R Datasheet HTML 18Page - Renesas Technology Corp ZLED7010ZI1R Datasheet HTML 19Page - Renesas Technology Corp ZLED7010ZI1R Datasheet HTML 20Page - Renesas Technology Corp ZLED7010ZI1R Datasheet HTML 21Page - Renesas Technology Corp ZLED7010ZI1R Datasheet HTML 22Page - Renesas Technology Corp ZLED7010ZI1R Datasheet HTML 23Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
ZLED7010 Datasheet
© 2016 Integrated Device Technology, Inc.
22
April 20, 2016
9
Ordering Information
10 Document Revision History
Product Sales Code
Description
Package
ZLED7010ZI1R
ZLED7010 – 40V LED Driver with Temperature Compensation
SOP8 (Tape & Reel)
ZLED7010KIT-D1
ZLED7010 Demo Board with LED on Cool Body 12VAC/VDC
Kit
ZLED-PCB1
Test PCB with one 3W white HB-LED, cascadable to one multiple LED string Printed Circuit Board
ZLED-PCB2
10 unpopulated test PCBs for modular LED string with footprints of 9
common HB-LED types
Printed Circuit Board
Revision
Date
Description
1.0
June 10, 2010
Production release version
1.1
August 12, 2010
Revision to equation (5) for Toff. Update for contact information.
April 20, 2016
Changed to IDT branding.
Corporate Headquarters
6024 Silver Creek Valley Road
San Jose, CA 95138
www.IDT.com
Sales
1-800-345-7015 or 408-284-8200
Fax: 408-284-2775
www.IDT.com/go/sales
Tech Support
www.IDT.com/go/support
DISCLAIMER Integrated Device Technology, Inc. (IDT) reserves the right to modify the products and/or specifications described herein at any time, without notice, at IDT's sole discretion. Performance
specifications and operating parameters of the described products are determined in an independent state and are not guaranteed to perform the same way when installed in customer products. The
information contained herein is provided without representation or warranty of any kind, whether express or implied, including, but not limited to, the suitability of IDT's products for any particular purpose, an
implied warranty of merchantability, or non-infringement of the intellectual property rights of others. This document is presented only as a guide and does not convey any license under intellectual property
rights of IDT or any third parties.
IDT's products are not intended for use in applications involving extreme environmental conditions or in life support systems or similar devices where the failure or malfunction of an IDT product can be
reasonably expected to significantly affect the health or safety of users. Anyone using an IDT product in such a manner does so at their own risk, absent an express, written agreement by IDT.
Integrated Device Technology, IDT and the IDT logo are trademarks or registered trademarks of IDT and its subsidiaries in the United States and other countries. Other trademarks used herein are the
property of IDT or their respective third party owners. For datasheet type definitions and a glossary of common terms, visit www.idt.com/go/glossary. All contents of this document are copyright of Integrated
Device Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com