Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7020 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # ZLED7020
Description  High Current 40V LED Driver with Internal Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZLED7020 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button ZLED7020 Datasheet HTML 14Page - Renesas Technology Corp ZLED7020 Datasheet HTML 15Page - Renesas Technology Corp ZLED7020 Datasheet HTML 16Page - Renesas Technology Corp ZLED7020 Datasheet HTML 17Page - Renesas Technology Corp ZLED7020 Datasheet HTML 18Page - Renesas Technology Corp ZLED7020 Datasheet HTML 19Page - Renesas Technology Corp ZLED7020 Datasheet HTML 20Page - Renesas Technology Corp ZLED7020 Datasheet HTML 21Page - Renesas Technology Corp ZLED7020 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
ZLED7x20 Datasheet
© 2016 Integrated Device Technology, Inc.
18
April 20, 2016
)
R
r
R
(
*
I
V
V
I
*
L
t
LX
L
S
AVG
LED
IN
ON
+
+
=
)
r
R
(
*
I
V
V
I
*
L
t
L
S
AVG
D
LED
OFF
+
+
+
=
3.3.2
Inductor L1
The recommended range for the L1 inductor is 33
μH to 220μH. Select the inductor value for L1 as needed to
ensure that switch on/off times are optimized across the load current and supply voltage ranges. If the application
requires a high supply voltage and low output current, inductance values at the high end of this range are recom-
mended to minimize errors due to switching delays, which can reduce efficiency and increase ripple on the output.
Also see section 3.4 for layout considerations for L1. Equations (3) and (4) can be used to calculate tON and tOFF.
On Time for LX Switch (tONmin>200ns):
(3)
Off Time for LX Switch (tOFFmin>200ns):
(4)
Where:
Symbol
Description
L
L1 coil inductance in H
ΔI
L1 coil peak-peak ripple current in A (internally set to 0.3
∗ I
AVG)
VIN
Supply voltage in V
VLED
Total forward voltage in V for LED string
IAVG
Nominal average LED current in A
Rs
External current sense resistor in Ω
rL
L1 coil resistance in Ω
RLX
LX switch r
esistance in Ω
VD
D1 diode forward voltage at the required load current in V
The inductance value has an equivalent effect on tON and tOFF and therefore affects the switching frequency. For
the same reason, the inductance has no influence on the duty cycle, for which the relationship of the summed
LED forward voltages n * VF to the input voltage VIN is a reasonable approximation. Because the input voltage is a
factor in the on time, variations in the input voltage affect the switching frequency and duty cycle.
To achieve optimum performance, duty cycles close to 0.5 at the nominal average supply voltage are preferable
for improving the temperature stability of the output current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com