Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7020 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # ZLED7020
Description  High Current 40V LED Driver with Internal Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZLED7020 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button ZLED7020 Datasheet HTML 15Page - Renesas Technology Corp ZLED7020 Datasheet HTML 16Page - Renesas Technology Corp ZLED7020 Datasheet HTML 17Page - Renesas Technology Corp ZLED7020 Datasheet HTML 18Page - Renesas Technology Corp ZLED7020 Datasheet HTML 19Page - Renesas Technology Corp ZLED7020 Datasheet HTML 20Page - Renesas Technology Corp ZLED7020 Datasheet HTML 21Page - Renesas Technology Corp ZLED7020 Datasheet HTML 22Page - Renesas Technology Corp ZLED7020 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
ZLED7x20 Datasheet
© 2016 Integrated Device Technology, Inc.
19
April 20, 2016
kHz
8
.
121
s
56
.
5
s
64
.
2
1
t
t
1
f
OFF
ON
LX
=
µ
+
µ
=
+
=
3
.
0
s
56
.
5
s
64
.
2
s
64
.
2
t
t
t
V
12
V
4
.
3
V
V
D
OFF
ON
ON
IN
LED
LX
µ
+
µ
µ
=
+
=
=
(
)
s
56
.
5
26
.
0
30
.
0
*
A
333
.
0
V
36
.
0
V
4
.
3
A
333
.
0
*
3
.
0
*
H
220
t
OFF
µ
=
+
+
+
µ
=
(
)
s
64
.
2
27
.
0
26
.
0
3
.
0
*
A
333
.
0
V
4
.
3
V
12
A
333
.
0
*
3
.
0
*
H
220
t
ON
µ
=
+
+
µ
=
LX
MAX
LX
F
MAX
D
AVG
MIN
f
*
V
D
*
I
V
t
*
I
1
C
=
=
Equations (5), (6), (7), and (8) provide an example of calculating tON, tOFF, operating frequency fLX, and duty cycle
DLX when using a 220
μH inductor for L1 and V
IN=12V, Rs = 0.30
Ω, r
L
=0.26Ω, V
LED=3.4V, IAVG =333mA, VD=0.36V,
and RLX
=0.27Ω.
Example:
(5)
(6)
(7)
(8)
For the L1 inductor, use a coil with a continuous current rating higher than the required mean output current and a
saturation current that exceeds the peak output current by 30% to 50% for robustness against transient con-
ditions; e.g., during start-up.
3.3.3
Bypass Capacitor C1
The bypass capacitor C1 has two functions: maintaining operating voltage and bypassing the current ripple of the
switching converter. In general low ESR capacitors must be used.
If the circuit is supplied by rectified line voltage, C1 must provide enough charge to maintain the ZLED7x20’s
minimum operating voltage as well as the forward voltage of the LED string to keep the application working even
if the rectified supply voltage periodically drops below these values. A rough estimate for the minimum capacity
needed can be calculated with equation (9).
(9)
Where:
Symbol
Description
IAVG
Average nominal LED string current assuming that the contribution of the IC supply current is negligible.
tD
Discharge time at given AC frequency. Will be a maximum of 10ms (½ period duration) at 50Hz.
ΔVMAX
Peak rectified supply voltage minus LED string forward voltage or minimum ZLED7x20 supply voltage, whichever is greater.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com