Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZOPT2201 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ZOPT2201
Description  Digital Ambient Light and UVB Energy Sensor
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZOPT2201 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ZOPT2201 Datasheet HTML 4Page - Renesas Technology Corp ZOPT2201 Datasheet HTML 5Page - Renesas Technology Corp ZOPT2201 Datasheet HTML 6Page - Renesas Technology Corp ZOPT2201 Datasheet HTML 7Page - Renesas Technology Corp ZOPT2201 Datasheet HTML 8Page - Renesas Technology Corp ZOPT2201 Datasheet HTML 9Page - Renesas Technology Corp ZOPT2201 Datasheet HTML 10Page - Renesas Technology Corp ZOPT2201 Datasheet HTML 11Page - Renesas Technology Corp ZOPT2201 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
ZOPT2201 Datasheet
© 2016 Integrated Device Technology, Inc
8
September 2, 2016
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
50/60 Hz flicker noise error
±5
%
Dark level count
ALSDARK
0 lux, 18-bit range,
TAMB = -40 to +60°C
0
Count
UVBS Characteristics
Spectral Response
See Figure 2.7 and Figure 2.8.
Sensitivity at gain 1
G1
Specifications apply to 20-bit
resolution setting.
Specification changes with
resolution setting as shown in
Table 3.6.
0.36
µ������/������������2
������������������������������
Sensitivity at gain 3
G3
0.12
µ������/������������2
������������������������������
Sensitivity at gain 6 [c]
G6
0.06
µ������/������������2
������������������������������
Sensitivity at gain 9 [c]
G9
0.04
µ������/������������2
������������������������������
Sensitivity at gain 18 [c]
G18
0.02
µ������/������������2
������������������������������
Calibrated error at gain 18
Calibration done with
UVB LED, 310nm,
TAMB = +25°C
10
%
UVBS output resolution
UVBSRES
Programmable to 13, 16, 17,
18, 19, or 20 bit
13
18
20
Bit
Conversion Timing
Minimum integration time [d]
tINTmin1
3.125
ms
tINTmin2
With 50/60 Hz rejection
50
ms
Maximum integration time [d]
tINTmax
With 50/60 Hz rejection
400
ms
Wake-up time from Standby Mode
tWAKE-STB
From Standby to Active Mode
(measurement can start)
500
µs
Measurement repeat rate [d]
Programmable
25
2000
ms
Timing accuracy [e]
-25
+25
%
[a] For ALS, the maximum duty cycle is selected with a 100ms measurement time (default) and 100ms repeat rate at an illumination of 1000 lux.
[b] For UVBS, the maximum duty cycle is selected with 100ms measurement time (default), 100ms repeat rate.
[c] Values valid up to 60°C.
[d] Typical timing accuracy applied.
[e] All specifications related to timing can vary by this value; for example, a repeat rate of 50ms could vary up to 62.5ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com