Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZOPT2201 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # ZOPT2201
Description  Digital Ambient Light and UVB Energy Sensor
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZOPT2201 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button ZOPT2201 Datasheet HTML 24Page - Renesas Technology Corp ZOPT2201 Datasheet HTML 25Page - Renesas Technology Corp ZOPT2201 Datasheet HTML 26Page - Renesas Technology Corp ZOPT2201 Datasheet HTML 27Page - Renesas Technology Corp ZOPT2201 Datasheet HTML 28Page - Renesas Technology Corp ZOPT2201 Datasheet HTML 29Page - Renesas Technology Corp ZOPT2201 Datasheet HTML 30Page - Renesas Technology Corp ZOPT2201 Datasheet HTML 31Page - Renesas Technology Corp ZOPT2201 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
ZOPT2201 Datasheet
© 2016 Integrated Device Technology, Inc
28
September 2, 2016
3.11.2 LS_MEAS_RATE
Address
04HEX
Default value
22HEX
Register access
RW
Bit
7
6
5
4
3
2
1
0
04HEX
0
LS Resolution / Bit Width
0
LS Measurement Rate
Bit[6:4]
Light Sensor Resolution/ Bit Width. The resolution selected via this register will have an effect on the
measurement time and the accuracy of the measurement:
000BIN
20-bit; 400ms
001BIN
19-bit; 200ms
010BIN
18-bit; 100ms (default)
011BIN
17-bit; 50ms
100BIN
16-bit; 25ms
101BIN
13-bit; 3.125ms
110BIN
Reserved
111BIN
Reserved
Bit[2:0]
LS Measurement Rate. This bit field controls the timing of the periodic measurements of the light
sensor in Active Mode.
000BIN
25ms
001BIN
50ms
010BIN
100ms (default)
011BIN
200ms
100BIN
500ms
101BIN
1000ms
110BIN
2000ms
111BIN
2000ms
Note:
When the measurement repeat rate is programmed to be faster than possible for the specified
ADC measurement time, the repeat rate will be lower than programmed (maximum speed).
Writing to this register stops the ongoing measurements and starts new measurements (depending on
the respective enable bits).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com