Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSPM4521 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ZSPM4521
Description  High-Efficiency Charger for Li-Ion Batteries with Photovoltaic Sources
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSPM4521 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ZSPM4521 Datasheet HTML 9Page - Renesas Technology Corp ZSPM4521 Datasheet HTML 10Page - Renesas Technology Corp ZSPM4521 Datasheet HTML 11Page - Renesas Technology Corp ZSPM4521 Datasheet HTML 12Page - Renesas Technology Corp ZSPM4521 Datasheet HTML 13Page - Renesas Technology Corp ZSPM4521 Datasheet HTML 14Page - Renesas Technology Corp ZSPM4521 Datasheet HTML 15Page - Renesas Technology Corp ZSPM4521 Datasheet HTML 16Page - Renesas Technology Corp ZSPM4521 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
ZSPM4521 Datasheet
© 2016 Integrated Device Technology, Inc.
13
January 27, 2016
2.2.
Fault Handling
2.2.1.
NFLT Pin Functionality
In the event of a battery over-voltage, the battery temperature being outside of the safe charging range, or the full
charge timer expiring, charging stops and the NFLT pin is pulled low. When the fault condition is no longer
present, the device will enter the INITIALIZE state (see Figure 2.2), but the NFLT pin will remain low until the
STATUS register (00HEX) is read (see Table 2.2). When the STATUS register is read, the NFLT pin will go high
until a new fault is detected.
2.2.2.
Other Faults
When an open thermistor, thermal shutdown, VIN under-voltage, or top-off time-out are detected, charging
immediately stops and the corresponding bit in the STATUS register (00HEX) is set. The device will enter the
INITIALIZE state until the fault is no longer detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com