Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSPM4521 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ZSPM4521
Description  High-Efficiency Charger for Li-Ion Batteries with Photovoltaic Sources
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSPM4521 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ZSPM4521 Datasheet HTML 1Page - Renesas Technology Corp ZSPM4521 Datasheet HTML 2Page - Renesas Technology Corp ZSPM4521 Datasheet HTML 3Page - Renesas Technology Corp ZSPM4521 Datasheet HTML 4Page - Renesas Technology Corp ZSPM4521 Datasheet HTML 5Page - Renesas Technology Corp ZSPM4521 Datasheet HTML 6Page - Renesas Technology Corp ZSPM4521 Datasheet HTML 7Page - Renesas Technology Corp ZSPM4521 Datasheet HTML 8Page - Renesas Technology Corp ZSPM4521 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
High-Efficiency Charger for Li-Ion
Batteries with Photovoltaic Sources
ZSPM4521
Datasheet
© 2016 Integrated Device Technology, Inc.
2
January 27, 2016
Typical Applications
• Portable solar chargers
• Off-grid systems
• Wireless sensor
networks
• HVAC controls
VIN
BATT Current
Control
Gate
Drive
Gate
Drive
Gate Drive
Control
VBAT
SW
Oscillator
Ramp
Generator
Comparator
Error Amp
GND
MONITOR
&
CONTROL
BATT Thermal
Control
Over-
Voltage
Protection
VBAT
VIN
VIN
S
EN
PGND
NFLT
COUT
LOUT
BATTERY
Compensation
Network
VTH_REF
VTHERM
Photovoltaic
Cells
~5V @ 450mA
Vref
VBAT
RTHM
RREF
RSENSE
VSENSE
MPP & Current
Control
SCL
SDA
VIN
CIN
VDD
CVDD
VDD Regulator
VIN
Backgate
Blocking
ZSPM4521
I²C™*
Interface
*I
2C™ is a trademark of NXP.
ZSPM4521 Block Diagram
Ordering Information
Ordering Code
Description
Package
ZSPM4521AA1W
ZSPM4521 High Efficiency Li-Ion Battery Charger for
Photovoltaic Sources
16-pin PQFN / 7” Reel (1000 parts)
ZSPM4521AA1R
ZSPM4521 High Efficiency Li-Ion Battery Charger for
Photovoltaic Sources
16-pin PQFN / 13” Reel (3300 parts)
ZSPM4521KIT
ZSPM4521 Evaluation Kit
Kit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com