Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U6239B-AFPG3 Datasheet(PDF) 13 Page - TEMIC Semiconductors

Part # U6239B-AFPG3
Description  2.9 GHz PLL for SAT TV Tuner with UNi-Bus
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U6239B-AFPG3 Datasheet(HTML) 13 Page - TEMIC Semiconductors

Back Button U6239B-AFPG3 Datasheet HTML 7Page - TEMIC Semiconductors U6239B-AFPG3 Datasheet HTML 8Page - TEMIC Semiconductors U6239B-AFPG3 Datasheet HTML 9Page - TEMIC Semiconductors U6239B-AFPG3 Datasheet HTML 10Page - TEMIC Semiconductors U6239B-AFPG3 Datasheet HTML 11Page - TEMIC Semiconductors U6239B-AFPG3 Datasheet HTML 12Page - TEMIC Semiconductors U6239B-AFPG3 Datasheet HTML 13Page - TEMIC Semiconductors U6239B-AFPG3 Datasheet HTML 14Page - TEMIC Semiconductors U6239B-AFPG3 Datasheet HTML 15Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
U6239B
TELEFUNKEN Semiconductors
Rev. A3, 28-May-97
13 (15)
VS
20
3 k
ACK
40 k
SDA only
RDS/AMS only
SDA/SCL/RDS/AMS
96 11855
Figure 10. SCL/SDA and RDS/AMS input
Vs
XTAL Q1
9611858
Figure 11. Reference oscillator
Vs
Port P0/Lock
P0
Lock
12k
9611810
Figure 12. Port P0/ Lock output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com