Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U6239B-AFPG3 Datasheet(PDF) 1 Page - TEMIC Semiconductors

Part # U6239B-AFPG3
Description  2.9 GHz PLL for SAT TV Tuner with UNi-Bus
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U6239B-AFPG3 Datasheet(HTML) 1 Page - TEMIC Semiconductors

  U6239B-AFPG3 Datasheet HTML 1Page - TEMIC Semiconductors U6239B-AFPG3 Datasheet HTML 2Page - TEMIC Semiconductors U6239B-AFPG3 Datasheet HTML 3Page - TEMIC Semiconductors U6239B-AFPG3 Datasheet HTML 4Page - TEMIC Semiconductors U6239B-AFPG3 Datasheet HTML 5Page - TEMIC Semiconductors U6239B-AFPG3 Datasheet HTML 6Page - TEMIC Semiconductors U6239B-AFPG3 Datasheet HTML 7Page - TEMIC Semiconductors U6239B-AFPG3 Datasheet HTML 8Page - TEMIC Semiconductors U6239B-AFPG3 Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
U6239B
TELEFUNKEN Semiconductors
Rev. A3, 28-May-97
1 (15)
2.9 GHz PLL for SAT TV Tuner with UNi-Bus
Description
The U6239B is a single-chip frequency synthesizer with
bidirectional I2C bus control and unidirectional 3-wire
bus control, developed for SAT TV-tuner and cable tuner
applications.
This IC contains an integrated preamplifier, a high
frequency prescaler, a reference divider with multiple
programmable divider ratios, a crystal oscillator, a phase/
frequency detector together with a charge pump, a tuning
amplifier and an analog-to-digital converter.
Features
D 2.9 GHz divide-by-16 prescaler integrated
D UNi-BUS:
I2C bus and 3-wire bus
I2C bus software compatible to U6223B
3-wire bus software compatible to LC7215 (Sanyo)
D I2C bus mode:
4 bidirectional ports (open collector)
2 unidirectional ports (open collector)
5 level ADC or unidirectional port (open collector)
Address mode select function (AMS, Pin 3):
3 or 4 addresses selectable via Pin 10
D 3-wire bus mode:
4 unidirectional ports (open collector)
Lock output (open collector)
D Programmable reference divider
D Low power consumption (typ. 5 V / 23 mA)
D Electrostatic protection according to MIL-STD 883
Block Diagram
ADC
AS / ENABLE / P3
5
10
5–bit Latch
11
9
8
P7
P6 / ADC
P5
7
6
P4
I/O
Ports
7–bit Latch
T1
8–bit Latch
7–bit Latch
SCL
SDA 4
12
Vs
OS
T0
5I
2
3
Oscillator
XTAL
divide by 256/512/off/1024
Phase
detector
Charge
pump
16 VD
1PD
GND 15
Control
UNI–BUS
FP
FR
15/14–bit
Power–on
reset
POR
P0/Lock
RD1,2,3
RDS / AMS
RFi
14
13
div. by 16
Prescaler
divide by 25/50/140/250
divide by 50/100/280/500
AMS
RDS
14–bit Shift Reg.
Sync
LOCK
15–bit Latch
SET
Sync
9611809
counter
Figure 1.


Similar Part No. - U6239B-AFPG3

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U6205B TEMIC-U6205B Datasheet
413Kb / 8P
1.3 GHz PLL with I2C Bus for TV Tuner
U6205B-FPG3 TEMIC-U6205B-FPG3 Datasheet
413Kb / 8P
1.3 GHz PLL with I2C Bus for TV Tuner
U6206B TEMIC-U6206B Datasheet
125Kb / 8P
1.3 GHz PLL for TV- and VCR- Tuner
U6206B-FPG3 TEMIC-U6206B-FPG3 Datasheet
125Kb / 8P
1.3 GHz PLL for TV- and VCR- Tuner
U6207B TEMIC-U6207B Datasheet
106Kb / 8P
1.3 GHz PLL with I2C Bus for TV Tuner
More results

Similar Description - U6239B-AFPG3

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U893BSE TEMIC-U893BSE Datasheet
129Kb / 7P
1.3 GHz Prescaler for PLL?셲 in TV, CATV and SAT TV Tuners
logo
Siemens Semiconductor G...
SDA6102X SIEMENS-SDA6102X Datasheet
596Kb / 16P
TV SAT PLL WITH I2C BUS AND FOUR CHIP ADDRESSES
logo
TEMIC Semiconductors
U6205B TEMIC-U6205B Datasheet
413Kb / 8P
1.3 GHz PLL with I2C Bus for TV Tuner
U6209B TEMIC-U6209B Datasheet
155Kb / 11P
1.3 GHz PLL for TV- and VCR- Tuner
logo
New Japan Radio
NJW1503A NJRC-NJW1503A Datasheet
110Kb / 9P
PLL Synthesizer with 3-Wire Bus for TV Tuner
NJW1504 NJRC-NJW1504 Datasheet
135Kb / 10P
PLL Synthesizer with IC Bus for TV Tuner
logo
TEMIC Semiconductors
U6206B TEMIC-U6206B Datasheet
125Kb / 8P
1.3 GHz PLL for TV- and VCR- Tuner
U6207B TEMIC-U6207B Datasheet
106Kb / 8P
1.3 GHz PLL with I2C Bus for TV Tuner
U6220B TEMIC-U6220B Datasheet
183Kb / 14P
1.3 GHz PLL for TV- and VCR- Tuner
U6225B TEMIC-U6225B Datasheet
154Kb / 12P
2.9 GHz PLL for SAT TV Receiver with Universal Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com