Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMQL-N Datasheet(PDF) 2 Page - AIMTEC

Part # AMQL-N
Description  0.25 watt dc-dc converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMQL-N Datasheet(HTML) 2 Page - AIMTEC

  AMQL-N Datasheet HTML 1Page - AIMTEC AMQL-N Datasheet HTML 2Page - AIMTEC AMQL-N Datasheet HTML 3Page - AIMTEC AMQL-N Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TO ORDER CALL 1-888-9-AIMTEC
AM1/4L-N Series
MODELS
Single Output
@ 1000VDC
@ 3000VDC
Input Voltage Output Voltage
Max. Output Current
3.3V±10%
5V±10%
12V±10%
24V±10%
AM1/4L-0303S-N
AM1/4L-0305S-N
AM1/4L-0309S-N
AM1/4L-0312S-N
AM1/4L-0315S-N
AM1/4L-0324S-N
AM1/4L-0503S-N
AM1/4L-0505S-N
AM1/4L-0509S-N
AM1/4L-0512S-N
AM1/4L-0515S-N
AM1/4L-0524S-N
AM1/4L-1203S-N
AM1/4L-1205S-N
AM1/4L-1209S-N
AM1/4L-1212S-N
AM1/4L-1215S-N
AM1/4L-1224S-N
AM1/4L-2403S-N
AM1/4L-2405S-N
AM1/4L-2409S-N
AM1/4L-2412S-N
AM1/4L-2415S-N
AM1/4L-2424S-N
3.3VDC
5VDC
9VDC
12VDC
15VDC
24VDC
3.3VDC
5VDC
9VDC
12VDC
15VDC
24VDC
3.3VDC
5VDC
9VDC
12VDC
15VDC
24VDC
3.3VDC
5VDC
9VDC
12VDC
15VDC
24VDC
75mA
50mA
27mA
20mA
16mA
10mA
75mA
50mA
27mA
20mA
16mA
10mA
75mA
50mA
27mA
20mA
16mA
10mA
75mA
50mA
27mA
20mA
16mA
10mA
Continued on next page
AM1/4L-0303SH30-N
AM1/4L-0305SH30-N
AM1/4L-0309SH30-N
AM1/4L-0312SH30-N
AM1/4L-0315SH30-N
AM1/4L-0324SH30-N
AM1/4L-0503SH30-N
AM1/4L-0505SH30-N
AM1/4L-0509SH30-N
AM1/4L-0512SH30-N
AM1/4L-0515SH30-N
AM1/4L-0524SH30-N
AM1/4L-1203SH30-N
AM1/4L-1205SH30-N
AM1/4L-1209SH30-N
AM1/4L-1212SH30-N
AM1/4L-1215SH30-N
AM1/4L-1224SH30-N
AM1/4L-2403SH30-N
AM1/4L-2405SH30-N
AM1/4L-2409SH30-N
AM1/4L-2412SH30-N
AM1/4L-2415SH30-N
AM1/4L-2424SH30-N
OUTLINE DIMENSIONS & PIN CONNECTIONS - SINGLE @ 1000VDC
Pin
Single Output
1
-V Input
2
+V Input
3
N.C.
4
-V Output
5
+V Output
6
N.C.
7
N.C.
8
N.C.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com