Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMQL-N Datasheet(PDF) 3 Page - AIMTEC

Part # AMQL-N
Description  0.25 watt dc-dc converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMQL-N Datasheet(HTML) 3 Page - AIMTEC

  AMQL-N Datasheet HTML 1Page - AIMTEC AMQL-N Datasheet HTML 2Page - AIMTEC AMQL-N Datasheet HTML 3Page - AIMTEC AMQL-N Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TO ORDER CALL 1-888-9-AIMTEC
MODELS
Dual Output
@ 1000VDC
@ 3000VDC
Input Voltage Output Voltage
Max. Output Current
3.3V±10%
5V±10%
12V±10%
24V±10%
AM1/4L-0303D-N
AM1/4L-0305D-N
AM1/4L-0309D-N
AM1/4L-0312D-N
AM1/4L-0315D-N
AM1/4L-0324D-N
AM1/4L-0503D-N
AM1/4L-0505D-N
AM1/4L-0509D-N
AM1/4L-0512D-N
AM1/4L-0515D-N
AM1/4L-0524D-N
AM1/4L-1203D-N
AM1/4L-1205D-N
AM1/4L-1209D-N
AM1/4L-1212D-N
AM1/4L-1215D-N
AM1/4L-1224D-N
AM1/4L-2403D-N
AM1/4L-2405D-N
AM1/4L-2409D-N
AM1/4L-2412D-N
AM1/4L-2415D-N
AM1/4L-2424D-N
±3.3VDC
±5VDC
±9VDC
±12VDC
±15VDC
±24VDC
±3.3VDC
±5VDC
±9VDC
±12VDC
±15VDC
±24VDC
±3.3VDC
±5VDC
±9VDC
±12VDC
±15VDC
±24VDC
±3.3VDC
±5VDC
±9VDC
±12VDC
±15VDC
±24VDC
±38mA
±25mA
±14mA
±11mA
±9mA
±5mA
±38mA
±25mA
±14mA
±11mA
±9mA
±5mA
±38mA
±25mA
±14mA
±11mA
±9mA
±5mA
±38mA
±25mA
±14mA
±11mA
±9mA
±5mA
AM1/4L-0303DH30-N
AM1/4L-0305DH30-N
AM1/4L-0309DH30-N
AM1/4L-0312DH30-N
AM1/4L-0315DH30-N
AM1/4L-0324DH30-N
AM1/4L-0503DH30-N
AM1/4L-0505DH30-N
AM1/4L-0509DH30-N
AM1/4L-0512DH30-N
AM1/4L-0515DH30-N
AM1/4L-0524DH30-N
AM1/4L-1203DH30-N
AM1/4L-1205DH30-N
AM1/4L-1209DH30-N
AM1/4L-1212DH30-N
AM1/4L-1215DH30-N
AM1/4L-1224DH30-N
AM1/4L-2403DH30-N
AM1/4L-2405DH30-N
AM1/4L-2409DH30-N
AM1/4L-2412DH30-N
AM1/4L-2415DH30-N
AM1/4L-2424DH30-N
AM1/4L-N Series
OUTLINE DIMENSIONS & PIN CONNECTIONS - DUAL @ 1000VDC
Pin
Dual Output
1
-V Input
2
+V Input
3
N.C.
4
Common
5
-V Output
6
N.C.
7
+V Output
8
N.C.
9
N.C.
10
N.C.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com