Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS299 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAS299
Description  HIGH SPEED HIGH CURRENT QUAD SWITCHING DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS299 Datasheet(HTML) 1 Page - Diodes Incorporated

  BAS299 Datasheet HTML 1Page - Diodes Incorporated BAS299 Datasheet HTML 2Page - Diodes Incorporated BAS299 Datasheet HTML 3Page - Diodes Incorporated BAS299 Datasheet HTML 4Page - Diodes Incorporated BAS299 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BAS299
HIGH SPEED HIGH CURRENT QUAD SWITCHING DIODE
Features
•
High-Switching Speed, High Current
•
Surface Mount Package Ideally Suited for Automated Insertion
•
For General Purpose Switching Applications
•
High Conductance
•
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Note 3)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: SOT23
•
Case Material: Molded Plastic.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Matte Tin Finish Annealed over Alloy 42 Leadframe
(Lead Free Plating). Solderable per MIL-STD-202, Method 208
•
Polarity: See Diagram
•
Weight: 0.01 grams (Approximate)
Ordering Information (Note 4)
Part Number
Compliance
Case
Packaging
BAS299-7
Standard
SOT23
3000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Date Code Key
Year
2019
2020
2021
2022
2023
2024
2025
2026
Code
G
H
I
J
K
L
M
N
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Top View
SOT23
Top View
Internal Schematic
Kxx
BA9 = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: G = 2019)
M = Month (ex: 9 = September)
BA9
BAS299
Document number: DS41578 Rev.1 - 2
1 of 5
www.diodes.com
March 2019
© Diodes Incorporated


Similar Part No. - BAS299

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BAS299N3 CYSTEKEC-BAS299N3 Datasheet
347Kb / 7P
High ?뱒peed double diode
BAS299N3-0-T1-G CYSTEKEC-BAS299N3-0-T1-G Datasheet
347Kb / 7P
High ?뱒peed double diode
More results

Similar Description - BAS299

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPD4150 CENTRAL-CMPD4150 Datasheet
77Kb / 2P
high current high speed switching diodeHIGH CURRENT HIGH SPEED SWITCHING DIODE
logo
Silikron Semiconductor ...
IRF830 SILIKRON-IRF830 Datasheet
452Kb / 6P
High current, high speed switching
logo
Central Semiconductor C...
CMPD4150 CENTRAL-CMPD4150_10 Datasheet
393Kb / 2P
SURFACE MOUNT HIGH CURRENT, HIGH SPEED SILICON SWITCHING DIODE
CMPD4150 CENTRAL-CMPD4150_15 Datasheet
393Kb / 2P
HIGH CURRENT, HIGH SPEED SILICON SWITCHING DIODE
logo
Nexperia B.V. All right...
BAV70SRA NEXPERIA-BAV70SRA Datasheet
245Kb / 12P
Quad high-speed switching diodes
BAW56SRA NEXPERIA-BAW56SRA Datasheet
245Kb / 11P
Quad high-speed switching diodes
logo
Rohm
BAV70HY ROHM-BAV70HY Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV99FM ROHM-BAV99FM Datasheet
1Mb / 8P
Switching Diode (High speed switching)
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Nexperia B.V. All right...
BAW56SRA-Q NEXPERIA-BAW56SRA-Q Datasheet
258Kb / 11P
Quad high-speed switching diodes
28 June 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com