Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT64 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BAT64
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAT64 Datasheet(HTML) 2 Page - Diodes Incorporated

  BAT64 Datasheet HTML 1Page - Diodes Incorporated BAT64 Datasheet HTML 2Page - Diodes Incorporated BAT64 Datasheet HTML 3Page - Diodes Incorporated BAT64 Datasheet HTML 4Page - Diodes Incorporated BAT64 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BAT64 /A /C /S
Document number: DS38403 Rev. 4 - 2
2 of 5
www.diodes.com
November 2018
© Diodes Incorporated
BAT64 /A /C /S
Marking Information
Date Code Key
Year
2016
2017
2018
2019
2020
2021
2022
2023
2024
2025
2026
Code
D
E
F
G
H
I
J
K
L
M
N
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
40
V
Average Rectified Output Current
IO
250
mA
Repetitive Peak Forward Current
Pulse Wave=1ms, Duty Cycle=25%
IFRM
2,000
mA
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
2,100
mA
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 5)
PD
250
mW
Typical Thermal Resistance Junction to Ambient Air (Note 5)
RϴJA
500
°C/W
Junction and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 6)
V(BR)R
40
—
—
V
IRS = 100µA
Forward Voltage
VF
—
—
350
430
520
750
mV
IF = 1mA
IF = 10mA
IF = 30mA
IF = 100mA
Reverse Leakage Current (Note 6)
IR
—
—
2.0
µA
VR = 40V
Total Capacitance
CT
—
6.0
—
pF
VR = 1V, f = 1.0MHz
Reverse Recovery Time
tRR
—
3.0
—
ns
IF = IR = 10mA,
IRR = 0.1IR, RL = 100Ω
Notes:
5. Part mounted on FR-4 board with recommended pad layout, which can be found on our website at http://www.diodes.com/package-outlines.html.
6. Short duration test pulse used to minimize self-heating effect.
xxx = Product Type Marking Code
K65 = BAT64
K66 = BAT64A
K67 = BAT64C
K68 = BAT64S
YM&
M = Date Code Marking
Y
or
= Year (ex: F = 2018)
M = Month (ex: 9 = September)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com