Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT64 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BAT64
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAT64 Datasheet(HTML) 3 Page - Diodes Incorporated

  BAT64 Datasheet HTML 1Page - Diodes Incorporated BAT64 Datasheet HTML 2Page - Diodes Incorporated BAT64 Datasheet HTML 3Page - Diodes Incorporated BAT64 Datasheet HTML 4Page - Diodes Incorporated BAT64 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BAT64 /A /C /S
Document number: DS38403 Rev. 4 - 2
3 of 5
www.diodes.com
November 2018
© Diodes Incorporated
BAT64 /A /C /S
Fig.1 Typical Forward Characteristics
V ,INSTANTANEOUS FORWARD VOLTAGE(mV)
F
0 0001
.
0 001
.
0 01
.
0 1
.
1
0
200
400
600
800
1000
1200
1400
T =
C
A
-55°
T = 0 C
A
°
T =
C
A
25°
T =
C
A
75°
T = 125 C
A
°
T = 150 C
A
°
Figure 2 Typical Reverse Characteristics
V , INSTANTANEOUS REVERSE VOLTAGE(V)
R
0 001
.
0 01
.
0 1
.
1
10
100
1000
0
10
20
30
40
T =
C
A
25°
T =
C
A
75°
T =
C
A
125°
T = 150 C
A
°
T =
C
A
-55°
T = 0 C
A
°
Figure 3 Total Capacitance vs. Reverse Voltage
1
10
100
0
5
10
15
20
25
30
35
40
V , DC REVERSE VOLTAGE(V)
R
f=1MHz
0
100
200
0
50
T , AMBIENT TEMPERATURE (C)
A
Figure 4 Power Derating Curve
300
25
75
100
125
150
Note 5
0 00
.
0 05
.
0 10
.
0 15
.
0 20
.
0 25
.
0 30
.
25
50
75
100
125
150
Note 5
T , AMBIENT TEMPERATURE ( C)
A
°
Figure 5 DC Forward Current Derating
(°C)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com