Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAR5000ACBZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADAR5000ACBZ
Description  17 GHz to 32 GHz, 4-Way RF Splitter Combiner
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR5000ACBZ Datasheet(HTML) 3 Page - Analog Devices

  ADAR5000ACBZ Datasheet HTML 1Page - Analog Devices ADAR5000ACBZ Datasheet HTML 2Page - Analog Devices ADAR5000ACBZ Datasheet HTML 3Page - Analog Devices ADAR5000ACBZ Datasheet HTML 4Page - Analog Devices ADAR5000ACBZ Datasheet HTML 5Page - Analog Devices ADAR5000ACBZ Datasheet HTML 6Page - Analog Devices ADAR5000ACBZ Datasheet HTML 7Page - Analog Devices ADAR5000ACBZ Datasheet HTML 8Page - Analog Devices ADAR5000ACBZ Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Data Sheet
ADAR5000
SPECIFICATIONS
analog.com
Rev. 0 | 3 of 9
Source and load impedance = 50 Ω, and TA = 25°C, unless otherwise noted.
Table 1. Specifications
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
OPERATING CONDITIONS
Frequency Range
17
32
GHz
INSERTION LOSS (Excess of 6.0 dB)
17 GHz to 22 GHz
−1.5
dB
22 GHz to 27 GHz
−1.7
dB
27 GHz to 32 GHz
−2.5
dB
INSERT LOSS FLATNESS
S1 to P1, P2, P3, and P4
17 GHz to 22 GHz
0.3
dB
22 GHz to 27 GHz
0.5
dB
27 GHz to 32 GHz
0.75
dB
INSERTION LOSS MISMATCH
P1 to P2, and P3 and P4
17 GHz to 22 GHz
0.2
dB
22 GHz to 27 GHz
0.3
dB
27 GHz to 32 GHz
0.4
dB
INSERTION PHASE MISMATCH
P1 to P2, and P3 and P4
17 GHz to 22 GHz
9
Degrees
22 GHz to 27 GHz
10
Degrees
27 GHz to 32 GHz
12
Degrees
RETURN LOSS
All other ports terminated
S1
17 GHz to 22 GHz
−20
dB
22 GHz to 27 GHz
−17
dB
27 GHz to 32 GHz
−14
dB
P1, P2, P3, and P4
17 GHz to 22 GHz
−15
dB
22 GHz to 27 GHz
−18
dB
27 GHz to 32 GHz
−18
dB
ISOLATION
Between any two ports, all other ports
terminated
17 GHz to 22 GHz
−18
dB
22 GHz to 27 GHz
−17
dB
27 GHz to 32 GHz
−18
dB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com