Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAR5000ACBZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADAR5000ACBZ
Description  17 GHz to 32 GHz, 4-Way RF Splitter Combiner
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR5000ACBZ Datasheet(HTML) 1 Page - Analog Devices

  ADAR5000ACBZ Datasheet HTML 1Page - Analog Devices ADAR5000ACBZ Datasheet HTML 2Page - Analog Devices ADAR5000ACBZ Datasheet HTML 3Page - Analog Devices ADAR5000ACBZ Datasheet HTML 4Page - Analog Devices ADAR5000ACBZ Datasheet HTML 5Page - Analog Devices ADAR5000ACBZ Datasheet HTML 6Page - Analog Devices ADAR5000ACBZ Datasheet HTML 7Page - Analog Devices ADAR5000ACBZ Datasheet HTML 8Page - Analog Devices ADAR5000ACBZ Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Data Sheet
ADAR5000
17 GHz to 32 GHz, 4-Way RF Splitter Combiner
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
4-way RF splitter combiner
►
Frequency range: 17 GHz to 32 GHz
►
Insertion loss (excess of 6.0 dB): −1.7 dB at 22 GHz to 27 GHz
►
Return loss (S1): −17 dB at 22 GHz to 27 GHz
►
Isolation: −17 dB at 22 GHz to 27 GHz
►
2.460 mm x 2.460 mm x 0.500 mm, wafer level, chip-scale
package
APPLICATIONS
►
General-purpose microwave signal distribution
►
Phased-array satellite communication (satcom) systems
►
Phased-array radar systems
GENERAL DESCRIPTION
The ADAR5000 is a 1-to-4 Wilkinson power splitter that is designed
for space-sensitive microwave signal distribution applications. Ex-
cess insertion loss ranges from −1.5 dB to −2.5 dB from 17 GHz
to 32 GHz. The four outputs are matched in both phase and
amplitude, making the ADAR5000 ideal for signal distribution appli-
cations requiring low time skew between channels. The ADAR5000
can also be used as a combiner, combining input signals at the P1,
P2, P3, and P4 ports to an output at the S1 port. The ADAR5000 is
housed in a compact, 2.460 mm x 2.460 mm x 0.500 mm WLCSP,
which makes it ideal for use in planar, phased-array antenna sys-
tems that require a tight pitch between elements.
The ADAR5000 is fabricated on a passive silicon process, and it is
specified to operate from −40°C to +85°C.
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram


Similar Part No. - ADAR5000ACBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAR5001 AD-ADAR5001 Datasheet
341Kb / 9P
10 GHz to 40 GHz, 2-Way RF Splitter Combiner
Rev. 0
ADAR5001-EVALZ AD-ADAR5001-EVALZ Datasheet
341Kb / 9P
10 GHz to 40 GHz, 2-Way RF Splitter Combiner
Rev. 0
ADAR5001ACBZ AD-ADAR5001ACBZ Datasheet
341Kb / 9P
10 GHz to 40 GHz, 2-Way RF Splitter Combiner
Rev. 0
ADAR5001ACBZ-R7 AD-ADAR5001ACBZ-R7 Datasheet
341Kb / 9P
10 GHz to 40 GHz, 2-Way RF Splitter Combiner
Rev. 0
More results

Similar Description - ADAR5000ACBZ

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
PD09-12 ALPHA-PD09-12 Datasheet
45Kb / 3P
Two-Way 0째 Power Splitter Combiner 0.81-0.96 GHz
PD09-73 ALPHA-PD09-73 Datasheet
53Kb / 3P
Two-Way 0째 Power Splitter Combiner 0.81-0.96 GHz
PD15-73 ALPHA-PD15-73 Datasheet
53Kb / 3P
Two-Way 0째 Power Splitter Combiner 1.42-1.66 GHz
PD18-73 ALPHA-PD18-73 Datasheet
53Kb / 3P
Two-Way 0째 Power Splitter Combiner 1.71-1.99 GHz
PD19-73 ALPHA-PD19-73 Datasheet
339Kb / 3P
Two-Way 0째 Power Splitter Combiner 1.71-1.99 GHz
logo
Skyworks Solutions Inc.
PD4W09-12 SKYWORKS-PD4W09-12 Datasheet
44Kb / 3P
Four-Way 0 Power Splitter Combiner 0.81--0.96 GHz
PD19-73LF SKYWORKS-PD19-73LF Datasheet
177Kb / 4P
Two-Way Power Splitter/Combiner 1.71-1.99 GHz
PD4W18-12 SKYWORKS-PD4W18-12 Datasheet
133Kb / 5P
Four-Way Power Splitter Combiner 1.71-1.99 GHz
PD16-73LF SKYWORKS-PD16-73LF Datasheet
184Kb / 4P
Two-Way Power Splitter Combiner 1.42-1.66 GHz
PD15-73 SKYWORKS-PD15-73 Datasheet
163Kb / 4P
Two-Way 0째 Power Splitter/Combiner 1.42-1.66 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com