Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASCX05DN Datasheet(PDF) 3 Page - Honeywell Solid State Electronics Center

Part # ASCX05DN
Description  Microstructure Pressure Sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

ASCX05DN Datasheet(HTML) 3 Page - Honeywell Solid State Electronics Center

  ASCX05DN Datasheet HTML 1Page - Honeywell Solid State Electronics Center ASCX05DN Datasheet HTML 2Page - Honeywell Solid State Electronics Center ASCX05DN Datasheet HTML 3Page - Honeywell Solid State Electronics Center ASCX05DN Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Microstructure Pressure Sensors
Signal Conditioned
0 psi to 1 psi up to 0 psi to 150 psi
ASCX Series
ASCX PERFORMANCE CHARACTERISTICS
(4)
Characteristic
Min.
Typ.
Max.
Unit
Offset
(5)
Models ASCX15/30/100/150xN
Models ASCX01/05DN
0.205
0.180
0.250
0.250
0.295
0.320
Volts
Volts
Output @ FS Pressure
4.750
Volts
Combined Pressure Linearity and Hysteresis
(6)
–
±0.1
±0.5
% FSO
Temperature Effect on Span 0 °C to 70 °C [32
°F to 158 °F] (7)
Models ASCX15/30/100/150xN
Models ASCX01/05DN
–
–
±0.2
±0.2
±1.0
±1.5
% FSO
% FSO
Temperature Effect on Offset 0 °C to 70 °C [32
°F to 158 °F] (7)
Models ASCX15/30/100/150xN
Models ASCX01/05DN
–
±0.5
±0.5
±1.0
±1.5
% FSO
% FSO
Repeatability
(8)
–
±0.2
±0.5
% FSO
Response Time
(9)
–
100
–
Microsec.
SPECIFICATION NOTES
Note 1:
Full-Scale Span is the algebraic difference between the output voltage at full-scale pressure and the output at zero pressure.
Note 2:
Maximum pressure above which causes permanent sensor failure.
Note 3:
Sensitivity is ratiometric to supply voltage.
Note 4:
Performance specs are shown at reference conditions. Specifications apply for absolute pressure devices with pressure applied
to Port A. For gage devices, pressure is applied to Port B and Port A is left open for ambient. For differential pressures, Port B
is the high-pressure port. All differential devices feature dual pressure ports and can be used as gage or differential sensors.
For absolute devices, Port B is inactive.
Note 5:
Offset calibration is at the lowest pressure for each given device.
Note 6:
Linearity refers to the best straight line fit as measured for offset, full scale and ½ full-scale pressure.
Note 7:
Temperature errors are the maximum shift over 0 °C to 70 °C [32 °F to 158 °F], relative to the 25 °C [77 °F] reading.
Note 8:
Maximum difference in output at any pressure within the operating pressure range and the temperature within 0 °C to 70 °C
[32 °F to 158 °F] after:
a) 100 temperature cycles, 0 °C to 70 °C [32 °F to 158 °F]
b) 1.0 million pressure cycles, 0 psi to Full-Scale Span.
Note 9:
Response time for a 0 psi to Full-Scale Span pressure step change, 10 % to 90 % rise time.
ELECTRICAL CONNECTION
Pinout
ASCX Series
PIN 1) External Offset Adjustment
PIN 2) Vs
PIN 3) + Output
PIN 4) Ground
PIN 5) N/C
PIN 6) Do Not Use
Honeywell
• Sensing and Control 3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com