Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASCX05DN Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # ASCX05DN
Description  Microstructure Pressure Sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

ASCX05DN Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  ASCX05DN Datasheet HTML 1Page - Honeywell Solid State Electronics Center ASCX05DN Datasheet HTML 2Page - Honeywell Solid State Electronics Center ASCX05DN Datasheet HTML 3Page - Honeywell Solid State Electronics Center ASCX05DN Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Microstructure Pressure Sensors
Signal Conditioned
0 psi to 1 psi up to 0 psi to 150 psi
ASCX Series
PRESSURE RANGE SPECIFICATIONS
Full-Scale Span
(1)
Model *
Operating
Pressure
Proof
Pressure
(2)
Sensitivity
(3)
Min.
Typ.
Max.
ASCX01DN
0 psid to 1 psid
20 psid
4.5V/psi
ASCX05DN
0 psid to 5 psid
20 psid
0.9V/psi
4.43 V
4.50 V
4.57 V
ASCX15AN
0 psia to 15 psia
30 psia
0.3V/psi
ASCX15DN
0 psid to 15 psid
30 psid
0.3V/psi
ASCX30AN
0 psia to 30 psia
60 psia
0.15V/psi
ASCX30DN
0 psid to 30 psid
60 psid
0.15V/psi
ASCX100AN
0 psia to 100 psia
150 psia
45mV/psi
ASCX100DN
0 psid to 100 psid
150 psid
45mV/psi
ASCX150AN
0 psia to 150 psia
150 psia
30mV/psi
ASCX150DN
0 psid to 150 psid
150 psid
30mV/psi
4.455 V
4.50 V
4.545 V
* Ordering information: Order model number.
MAXIMUM RATINGS
Characteristic
Description
Supply Voltage (VS)
4.5 Vdc to 16 Vdc
Output Current
Source
Sink
5 mA
3 mA
Lead Soldering Temperature
(2 seconds to 4 seconds)
250 °C [482
°F]
Maximum Pressure On Any Port
150 psi
Quiescent Current
4 mA
PARAMETER REFERENCE CONDITIONS
Model
Reference Conditions
Supply Voltage
5.01 ± 0.01 Vdc
Reference Temperature
25 °C [77
°F]
Load Condition
200 kOhm
Common Mode Pressure
0 psig
ENVIRONMENTAL SPECIFICATIONS
Characteristic
Description (Maximum Ratings) All Devices
Compensated Operating Temperature
0 °C to 70 °C [32
°F to 158 °F]
Operating Temperature
-25 °C to 105 °C [-13
°F to 221 °F]
Storage Temperature
-55 °C to 125 °C [-67
°F to 257 °F]
2 Honeywell
• Sensing and Control



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com