Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR3625BRMZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADR3625BRMZ-R7
Description  Precision, Micropower, High Current Output Voltage References
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR3625BRMZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADR3625BRMZ-R7 Datasheet HTML 1Page - Analog Devices ADR3625BRMZ-R7 Datasheet HTML 2Page - Analog Devices ADR3625BRMZ-R7 Datasheet HTML 3Page - Analog Devices ADR3625BRMZ-R7 Datasheet HTML 4Page - Analog Devices ADR3625BRMZ-R7 Datasheet HTML 5Page - Analog Devices ADR3625BRMZ-R7 Datasheet HTML 6Page - Analog Devices ADR3625BRMZ-R7 Datasheet HTML 7Page - Analog Devices ADR3625BRMZ-R7 Datasheet HTML 8Page - Analog Devices ADR3625BRMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Data Sheet
ADR3625/ADR3630/ADR3650
SPECIFICATIONS
analog.com
Rev. A | 5 of 26
Table 2. Electrical Characteristics (Continued)
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
10 Hz to 1 kHz
4
ppm RMS
OUTPUT VOLTAGE NOISE DENSITY
eN
TA = 25°C, 1 kHz
ADR3625
300
nV/√Hz
ADR3630
360
nV/√Hz
ADR3650
600
nV/√Hz
THERMAL HYSTERESIS
ΔVOUT_HYS
+25°C to +125°C to –40°C to +25°C (full cycle)
7
ppm
25°C to 125°C to 25°C (half cycle)
15
ppm
RIPPLE REJECTION RATIO
RRR
TA = 25°C, input frequency (fIN) = 60 Hz
ADR3625 and ADR3630
64
dB
ADR3650
60
dB
LONG-TERM DRIFT
ΔVOUT_LTD
TA = 25°C, relative humidity = 30%
250 hours (early life drift)
90
ppm
1000 hours
140
ppm
3500 hours
160
ppm
TURN-ON SETTLING TIME
tR
TA = 25°C, output capacitor (COUT) = 0.1 µF, load
resistance (RL) = 1 kΩ
ADR3625
600
μs
ADR3630
700
μs
ADR3650
900
μs
LOAD CAPACITANCE RANGE
Minimum load capacitance
0.1
μF
Maximum load capacitance
10
μF
1 Initial accuracy does not include shift due to solder heat effect (see the Applications Information section.)
2 VDO is the maximum dropout voltage with a 10 mA sourcing load current.
3 VDO is the maximum dropout voltage with a 50 mA sourcing load current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com