Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR3625BRMZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADR3625BRMZ-R7
Description  Precision, Micropower, High Current Output Voltage References
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR3625BRMZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADR3625BRMZ-R7 Datasheet HTML 2Page - Analog Devices ADR3625BRMZ-R7 Datasheet HTML 3Page - Analog Devices ADR3625BRMZ-R7 Datasheet HTML 4Page - Analog Devices ADR3625BRMZ-R7 Datasheet HTML 5Page - Analog Devices ADR3625BRMZ-R7 Datasheet HTML 6Page - Analog Devices ADR3625BRMZ-R7 Datasheet HTML 7Page - Analog Devices ADR3625BRMZ-R7 Datasheet HTML 8Page - Analog Devices ADR3625BRMZ-R7 Datasheet HTML 9Page - Analog Devices ADR3625BRMZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Data Sheet
ADR3625/ADR3630/ADR3650
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. A | 6 of 26
Table 3. Absolute Maximum Ratings
Parameter
Rating
VIN to GND SENSE
–0.3 V to +18 V
ENABLE to GND SENSE
–0.3 V to +18 V
VOUT FORCE to GND SENSE
–0.3 V to VIN + 0.3 V
VOUT SENSE to VOUT FORCE
–0.3 V to +0.3 V
GND FORCE to GND SENSE
–0.3 V to +0.3 V
Temperature
Storage Range
–65°C to +150°C
Operating Range
–40°C to +125°C
Junction Range
–65°C to +150°C
Lead, Soldering (10 sec)
300°C
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Close attention to PCB
thermal design is required.
θJA is the natural convection junction-to-ambient thermal resistance
measured in a one cubic foot sealed enclosure, and θJC is the
junction-to-case thermal resistance.
Table 4. Thermal Resistance
Package Type
θJA
θJC
Unit
RM-8
132.5
43.9
°C/W
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of ESD-sen-
sitive devices in an ESD protected area only.
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001.
ESD Ratings for ADR3625\ADR3630\ADR3650
Table 5. ADR3625\ADR3630\ADR3650, 8-Lead MSOP
ESD Model
Withstand Threshold (kV)
Class
HBM
1
1C
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com