Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR3630ARMZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADR3630ARMZ-R7
Description  Precision, Micropower, High Current Output Voltage References
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR3630ARMZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADR3630ARMZ-R7 Datasheet HTML 18Page - Analog Devices ADR3630ARMZ-R7 Datasheet HTML 19Page - Analog Devices ADR3630ARMZ-R7 Datasheet HTML 20Page - Analog Devices ADR3630ARMZ-R7 Datasheet HTML 21Page - Analog Devices ADR3630ARMZ-R7 Datasheet HTML 22Page - Analog Devices ADR3630ARMZ-R7 Datasheet HTML 23Page - Analog Devices ADR3630ARMZ-R7 Datasheet HTML 24Page - Analog Devices ADR3630ARMZ-R7 Datasheet HTML 25Page - Analog Devices ADR3630ARMZ-R7 Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 26 page
background image
Data Sheet
ADR3625/ADR3630/ADR3650
OUTLINE DIMENSIONS
©2022-2023 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
Rev. A | 26 of 26
Figure 81. 8-Lead Mini Small Outline Package [MSOP]
(RM-8)
Dimensions shown in millimeters
Updated: January 06, 2023
ORDERING GUIDE
Model1
Temperature Range
Package Description
Packing Quantity
Package
Option
Marking Code
ADR3625ARMZ
−40°C to +125°C
8-Lead MSOP
Tube, 50
RM-8
FJ
ADR3625ARMZ-R7
−40°C to +125°C
8-Lead MSOP
Reel, 1000
RM-8
FJ
ADR3625BRMZ
−40°C to +125°C
8-Lead MSOP
Tube, 50
RM-8
FK
ADR3625BRMZ-R7
−40°C to +125°C
8-Lead MSOP
Reel, 1000
RM-8
FK
ADR3630ARMZ
−40°C to +125°C
8-Lead MSOP
Tube, 50
RM-8
GE
ADR3630ARMZ-R7
−40°C to +125°C
8-Lead MSOP
Reel, 1000
RM-8
GE
ADR3630BRMZ
−40°C to +125°C
8-Lead MSOP
Tube, 50
RM-8
GG
ADR3630BRMZ-R7
−40°C to +125°C
8-Lead MSOP
Reel, 1000
RM-8
GG
ADR3650ARMZ
−40°C to +125°C
8-Lead MSOP
Tube, 50
RM-8
G8
ADR3650ARMZ-R7
−40°C to +125°C
8-Lead MSOP
Reel, 1000
RM-8
G8
ADR3650BRMZ
−40°C to +125°C
8-Lead MSOP
Tube, 50
RM-8
G9
ADR3650BRMZ-R7
−40°C to +125°C
8-Lead MSOP
Reel, 1000
RM-8
G9
1 Z = RoHS Compliant Part.
EVALUATION BOARDS
Table 7. Evaluation Boards
Model1
Description
EVAL-ADR3625EBZ
ADR3625 Evaluation Board
EVAL-ADR3630EBZ
ADR3630 Evaluation Board
EVAL-ADR3650EBZ
ADR3650 Evaluation Board
1 Z = RoHS-Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com