Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR3630ARMZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADR3630ARMZ-R7
Description  Precision, Micropower, High Current Output Voltage References
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR3630ARMZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADR3630ARMZ-R7 Datasheet HTML 18Page - Analog Devices ADR3630ARMZ-R7 Datasheet HTML 19Page - Analog Devices ADR3630ARMZ-R7 Datasheet HTML 20Page - Analog Devices ADR3630ARMZ-R7 Datasheet HTML 21Page - Analog Devices ADR3630ARMZ-R7 Datasheet HTML 22Page - Analog Devices ADR3630ARMZ-R7 Datasheet HTML 23Page - Analog Devices ADR3630ARMZ-R7 Datasheet HTML 24Page - Analog Devices ADR3630ARMZ-R7 Datasheet HTML 25Page - Analog Devices ADR3630ARMZ-R7 Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
Data Sheet
ADR3625/ADR3630/ADR3650
APPLICATIONS INFORMATION
analog.com
Rev. A | 22 of 26
BASIC VOLTAGE REFERENCE CONNECTION
The basic configuration for the ADR3625\ADR3630\ADR3650 refer-
ence is shown in Figure 68. For detailed information on connecting
the bypass capacitors, see the Input and Output Capacitors section.
Figure 68. Basic Reference Connection
INPUT AND OUTPUT CAPACITORS
Input Capacitors
A 1 μF to 10 μF electrolytic or ceramic capacitor can be connected
to the input to improve transient response in applications where
the supply voltage can fluctuate. It is recommended to connect an
additional 0.1 μF ceramic capacitor in parallel to reduce supply
noise.
Output Capacitors
A COUT is required for stability and to filter out low level voltage
noise. The minimum value of COUT is 0.1 μF and can go as high as
10 μF for stability.
An additional 1 μF to 10 μF electrolytic or ceramic capacitor can be
added in parallel to improve transient performance in response to
sudden changes in load current.
The larger the output capacitor, the lower the bandwidth of the
output is, thus lowering the noise. However, increasing the output
capacitor increases the settling time and decreases the response
rate.
The ADR3625\ADR3630\ADR3650 are stable with a variety of
capacitor types, including ceramic, electrolytic (including polymer),
tantalum, and film. Small surface-mount capacitors have low effec-
tive series resistance (ESR) and take up little board space. Place
and connect the output capacitor as close as possible to the VOUT
FORCE pin. Use low ESR capacitors.
START-UP TIME
The start-up time is determined by the output capacitance and
output load current. Figure 69 shows an example of the start-up
response of the ADR3625 when stepping the supply voltage and
Figure 70 shows an example of the start-up response of the
ADR3625 when stepping the enable voltage.
Figure 69. ADR3625 Start-Up Response (Input)
Figure 70. ADR3625 Start-Up Response (Enable)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com