Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSC5 Datasheet(PDF) 2 Page - ITT Industries

Part # KSC5
Description  Tact Switch with Rocker Option for SMT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

KSC5 Datasheet(HTML) 2 Page - ITT Industries

  KSC5 Datasheet HTML 1Page - ITT Industries KSC5 Datasheet HTML 2Page - ITT Industries KSC5 Datasheet HTML 3Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Dimensions are shown: mm (inch)
Dimensions subject to change
www.ittcannon.com
B-26
B
ACTUATOR
KSC5
OPTION
CODE
OPERATING FORCE
2
2 N (200 grams)
4
3 N (300 grams)
OPTION
CODE
MATERIAL
1
Silver
3
Gold
OPERATING FORCE
CONTACT MATERIAL
KSC5 Series
Tact Switch with Rocker Option for SMT
ø4,7+0,1/-0,0
(.185+.004/-.000)
ø2,4
(.094)
10
±0,3
(.394
±.012)
0,5
(.020)
7,5+0,3/-0,0
(.295+.012/-.000)
6,2+0,3/-0,0
(.244+.012/-.000)
First Angle
Projection
KSC521G



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com