Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSC5 Datasheet(PDF) 1 Page - ITT Industries

Part # KSC5
Description  Tact Switch with Rocker Option for SMT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

KSC5 Datasheet(HTML) 1 Page - ITT Industries

  KSC5 Datasheet HTML 1Page - ITT Industries KSC5 Datasheet HTML 2Page - ITT Industries KSC5 Datasheet HTML 3Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dimensions are shown: mm (inch)
Dimensions subject to change
www.ittcannon.com
B-25
B
Contact Material
1 Silver
3 Gold
KSC5 Series
Tact Switch with Rocker Option for SMT
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select desired
option from each category and place it in the appropriate box.
Features/Benefits
• Can be actuated from either
side or top
• Tin plated terminals
• Washable & sealed
• Compatible with automatic
insertion machines
Mechanical
Specification
FUNCTION: Momentary action
CONTACT ARRANGEMENT: 1 make contact = SPST, N.O.
TERMINALS: J bend & Gullwing type for SMT
NOTE: Part numbers listed above do not represent all possible configurations.
For information on specific and custom switches, consult Customer Service Center.
K
S
C
5
Operating Force
2 2 N (200 grams)
4 3 N (300 grams)
Termination
J J bend
G Gull wing
Operating force Operating force
Travel to
Travel to
axial FA
lateral FL
make
make
Life expectancy Life expectancy
Type
N (grams) ±25% N (grams) ±30% axial (mm)
lateral (mm)
cycles, axial
cycles, lateral
KSC521G
2.0 (200)
1.9 (190)
0,25 ± 0,15
0,5 ± 0,25
100,000
10,000
KSC541G
3.0 (300)
2.8 (280)
0,25 ± 0,15
0,5 ± 0,25
100,000
10,000
Typical Applications
• Automotive
• Computers
• Instrumentation
Environmental
Silver
Gold
OPERATING TEMPERATURE:
-40˚C to 85˚C
-40˚C to 125˚C
STORAGE TEMPERATURE:
-55˚C to 85˚C
-55˚C to 125˚C
Process
SOLDERING: Infrared reflow in accordance with CECC00802
Packaging
Switches delivered on continuous tape & reels of 1,000 pieces,
330 (12.992) external diameter. Other dimensions according to EIA-
RS-481standard.
Electrical
Silver
Gold
MAXIMUM POWER:
1 VA
0.2 VA
MAXIMUM VOLTAGE:
32 VDC
32 VDC
MINIMUM VOLTAGE:
20 mV
20 mV
MAXIMUM CURRENT:
50 mA
10 mA
MINIMUM CURRENT:
1 mA
1 mA
DIELECTRIC STRENGTH (50 Hz, 1 min.): > 250 V
CONTACT RESISTANCE: < 100 m
Ω
INSULATION RESISTANCE (100 V): > 109
Ω
BOUNCE TIME: < 1 ms


Similar Part No. - KSC5

ManufacturerPart #DatasheetDescription
logo
C&K Components
KSC5 CK-COMPONENTS-KSC5 Datasheet
167Kb / 2P
Tact Switch with Rocker Option for SMT
KSC5 CK-COMPONENTS-KSC5 Datasheet
1Mb / 22P
Sealed Tact Switch for SMT
26 May 22
logo
Fairchild Semiconductor
KSC5019 FAIRCHILD-KSC5019 Datasheet
38Kb / 4P
NPN Epitaxial Silicon Transistor
logo
Jiangsu Changjiang Elec...
KSC5019 JIANGSU-KSC5019 Datasheet
572Kb / 3P
TO-92 Plastic-Encapsulate Transistors
logo
Nanjing International G...
KSC5019 DGNJDZ-KSC5019 Datasheet
1Mb / 4P
TO-92 Plastic-Encapsulate Transistors
More results

Similar Description - KSC5

ManufacturerPart #DatasheetDescription
logo
ITT Industries
KSR ITT-KSR Datasheet
68Kb / 3P
Subminiature Tact Switch for SMT
logo
C&K Components
KSC5 CK-COMPONENTS-KSC5 Datasheet
167Kb / 2P
Tact Switch with Rocker Option for SMT
KSR211GLFS CK-COMPONENTS-KSR211GLFS Datasheet
357Kb / 2P
Subminiature Tact Switch for SMT
KSC241JLFS CK-COMPONENTS-KSC241JLFS Datasheet
312Kb / 6P
Sealed Tact Switch for SMT
KSC343GLFG CK-COMPONENTS-KSC343GLFG Datasheet
312Kb / 6P
Sealed Tact Switch for SMT
logo
ITT Industries
KMR241GLFS ITT-KMR241GLFS Datasheet
167Kb / 2P
Microminiature Tact Switch for SMT
logo
C&K Components
KSC243JLFG CK-COMPONENTS-KSC243JLFG Datasheet
312Kb / 6P
Sealed Tact Switch for SMT
KSC341JLFS CK-COMPONENTS-KSC341JLFS Datasheet
312Kb / 6P
Sealed Tact Switch for SMT
EL CK-COMPONENTS-EL Datasheet
247Kb / 2P
Basic Tact Switch for SMT
4 Aug 21
KSC CK-COMPONENTS-KSC_V02 Datasheet
1Mb / 22P
Sealed Tact Switch for SMT
26 May 22
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com