Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705CT4GRS/D Datasheet(PDF) 101 Page - NXP Semiconductors

Part # HC705CT4GRS/D
Description  General Release Specification
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705CT4GRS/D Datasheet(HTML) 101 Page - NXP Semiconductors

Back Button HC705CT4GRS/D Datasheet HTML 97Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 98Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 99Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 100Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 101Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 102Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 103Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 104Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 105Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 152 page
background image
Comparators
Comparator Control/Status Register
MC68HC705CT4 — Rev. 2.0
General Release Specification
MOTOROLA
Comparators
101
13.3 Comparator Control/Status Register
CMP3 — Comparator 3 Output
This bit is implemented in two ways: as a real-time comparator output
or as a latched interrupt source. The state of CM3IE determines which
implementation is selected.
CM3IE = 0 (nonlatched mode) — This status bit is is cleared only by
two means:
1. Clearing CM3IE while the voltage at CMP3+ is less than CMP3–
2. By an external reset
CM3IE = 1 (latched mode) — This latched status bit is set when the
voltage at CMP3+ (PD0) is larger than that of CMP3– (internal voltage
reference ~ 2 VDD/3). An interrupt is then initiated ($1FFA–$1FFB).
CMP2 — Comparator 2 Output
This status bit is set when the voltage at CMP12+ is larger than that
of CMP2–, otherwise, it is cleared. Reset clears this bit because the
comparator is disabled.
CMP1 — Comparator 1 Output
This status bit is set when the voltage at CMP12+ is larger than that
of CMP1–, otherwise, it is cleared. Reset clears this bit because the
comparator is disabled.
Address:
$0022
Bit 7
654321
Bit 0
Read:
CMP3
CMP2
CMP1
CM3IE
0
CEN3
CEN2
CEN1
Write:
Reset:
00000000
= Unimplemented
Figure 13-2. Comparator Control/Status Register (CMPCSR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com