Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705CT4GRS/D Datasheet(PDF) 105 Page - NXP Semiconductors

Part # HC705CT4GRS/D
Description  General Release Specification
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705CT4GRS/D Datasheet(HTML) 105 Page - NXP Semiconductors

Back Button HC705CT4GRS/D Datasheet HTML 101Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 102Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 103Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 104Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 105Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 106Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 107Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 108Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 109Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 152 page
background image
MC68HC705CT4 — Rev. 2.0
General Release Specification
MOTOROLA
Miscellaneous Register
105
General Release Specification — MC68HC705CT4
Section 14. Miscellaneous Register
14.1 Contents
14.2
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .105
14.3
Miscellaneous Control Register . . . . . . . . . . . . . . . . . . . . . . .105
14.4
Miscellaneous Register Power Supply Source . . . . . . . . . . . .106
14.2 Introduction
The miscellaneous register exists to hold various system control bits. It
is located at address $0021.
14.3 Miscellaneous Control Register
SPEED — CPU Speed Select
This control bit, when set, selects an additional divide-by-eight after
the already divide-by-five from the oscillator clock to the internal bus
clock. This makes the internal CPU clock a divide-by-40 from the
oscillator input.
When clear, the internal bus clock is a divide-by-five from the
oscillator input. Reset clears this bit.
Address:
$0021
Bit 7
654321
Bit 0
Read:
0000
SPEED
COE
PWME
0
Write:
Reset:
00000000
Figure 14-1. Miscellaneous Control Register (MISCR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com