Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705CT4GRS/D Datasheet(PDF) 108 Page - NXP Semiconductors

Part # HC705CT4GRS/D
Description  General Release Specification
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705CT4GRS/D Datasheet(HTML) 108 Page - NXP Semiconductors

Back Button HC705CT4GRS/D Datasheet HTML 104Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 105Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 106Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 107Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 108Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 109Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 110Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 111Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 112Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 152 page
background image
EPROM
General Release Specification
MC68HC705CT4 — Rev. 2.0
108
EPROM
MOTOROLA
15.4 Bootloader Mode
Bootloader mode is entered upon the rising edge of RESET if the IRQ is
at VTST and the PB1 pin is at logic 1. The bootloader code resides in the
ROM from $1F01 to $1FEF. This program handles copying of user code
from an external EPROM into the on-chip EPROM. The bootload
function does not have to be done from an external EPROM, but it may
be done from a host.
The user code must be a one-to-one correspondence with the internal
EPROM addresses.
NOTE:
The MCU designer must disable the COP hardware in bootloader mode.
15.4.1 Bootloader Functions
Three pins are used to select various bootloader functions: PB0, PB3,
and PB4. PB0 is normally a SYNC pin, which is used to synchronize the
MCU to an off-chip source driving EPROM data into the MCU. If an
external EPROM is used, this pin must be connected to VSS. PB4 and
PB3 are used to select a programming mode. Two other pins, PC2 and
PC3, are used to drive the PROG LED and the VERF LED, respectively.
The programming modes, along with GATE and DRAIN stress, are
shown in Table 15-1.
The bootloader uses an external 12-bit counter to address the memory
device containing the code to be copied. This counter requires a clock
and a reset function. The 12-bit counter can address up to 4 Kbytes of
Table 15-1. Bootloader Functions
PB0
PB4
PB3
Mode
SYNC
1
1
Program/Verify
SYNC
1
0
Verify Only
SYNC
0
0
Dump EPROM
0
0
1
Gate Stress
1
0
1
Drain Stress
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com