Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705CT4GRS/D Datasheet(PDF) 112 Page - NXP Semiconductors

Part # HC705CT4GRS/D
Description  General Release Specification
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705CT4GRS/D Datasheet(HTML) 112 Page - NXP Semiconductors

Back Button HC705CT4GRS/D Datasheet HTML 108Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 109Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 110Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 111Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 112Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 113Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 114Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 115Page - NXP Semiconductors HC705CT4GRS/D Datasheet HTML 116Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 152 page
background image
EPROM
General Release Specification
MC68HC705CT4 — Rev. 2.0
112
EPROM
MOTOROLA
15.4.2 Programming Register
This register is used to program the EPROM array. Only the LATCH and
EPGM bits are available in user mode. To program a byte of EPROM,
set LATCH, write data to the desired address, and then set EPGM for
tEPGM. EPTST, MBE, TS1, and TS0 are available only in the special
modes, boot and test.
MORON — MOR On
READ: Only in special modes, user mode returns a logic 0
WRITE: Only in special modes
1 = Enables the decode to the MOR register latch. This feature
makes production testing and emulation easier. It is only valid
when IOOFF is cleared to zero.
0 = The MOR register is not in the map; INTSELB is not pulled at
$1F00.
EPTST — EPROM Test Mode Enable
READ: Only in special modes, user mode returns a logic 0
WRITE: Only in special modes
1 = Enables the functions of TS1 and TS0.
0 = TS1 and TS0 functions are disabled.
Address:
$0011
Bit 7
654321
Bit 0
Read:
MORON
EPTST
MBE
TS1
TS0
LATCH
0
EPGM
Write:
Reset:
00000000
Figure 15-4. Programing Register (PROG)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com